Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9013 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9013
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9013 Datasheet(HTML) 3 Page - Unisonic Technologies

  9013_15 Datasheet HTML 1Page - Unisonic Technologies 9013_15 Datasheet HTML 2Page - Unisonic Technologies 9013_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9013
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-030.C
TYPICAL CHARACTERICS
0
10
0
20
IB=20μA
8
4
Collector - Emitter Voltage, VCE (V)
18
16
14
12
10
6
2
20
30
40
50
IB=40μA
IB=60μA
IB=80μA
IB=100μA
IB=120μA
IB=140μA
Static Characteristic
1
10
1
1000
5
Collector Current, IC (mA)
500
300
3
10000
Dc Current Gain
VCE=1V
3000
1000
300
100
50
30
5
3
100
50
30
10
1
10
10000
50
Collector Current, IC (mA)
3000
10000
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
IC=10IB
3000
1000
300
100
30
3
1000
500
300
100
30
10
VBE (SAT)
VCE (SAT)
1
10
1000
5
Collector Current, IC (mA)
300
10000
IC=10IB
3000
1000
300
100
30
3
100
50
30
10
3
VCE=6V
500
1
Current Gain-Bandwidth Product
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 9013_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
More results

Similar Description - 9013_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013_15 Datasheet
153Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
9012 UTC-9012_15 Datasheet
158Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
MMBT9012 UTC-MMBT9012_15 Datasheet
179Kb / 3P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
logo
Fairchild Semiconductor
SS9013 FAIRCHILD-SS9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
106Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com