Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2545A-1BN Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2545A-1BN
Description  Programmable Current Limit High-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A-1BN Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2545A-1BN Datasheet HTML 7Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 8Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 9Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 10Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 11Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 12Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 13Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 14Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
June 2000
11
MIC2545A/2549A
MIC2545A/2549A
Micrel
Functional Description
The MIC2545A and MIC2549A are high-side N-channel
switches available with active-high or active-low enable in-
puts. Fault conditions turn off or inhibit turn-on of the output
transistor and activate the open-drain error flag transistor
making it sink current to ground.
Input and Output
IN is the power supply connection to the logic circuitry and the
drain of the output MOSFET. OUT is the source of the output
MOSFET. In a typical circuit, current flows from IN to OUT
toward the load. If V
OUT is greater than VIN, current will flow
from OUT to IN since the switch is bidirectional when en-
abled. The output MOSFET and driver circuitry are also
designed to allow the MOSFET source to be externally forced
to a higher voltage than the drain (V
OUT > VIN) when the
switch is disabled. In this situation, the MIC2545A/49A avoids
undesirable current flow from OUT to IN. Both IN pins must
be connected together, and both OUT pins must be con-
nected together.
Thermal Shutdown
Thermal shutdown shuts off the output MOSFET and signals
the fault flag if the die temperature exceeds 135
°C. 10°C of
hysteresis prevents the switch from turning on until the die
temperature drops to 125
°C. Overtemperature detection
functions only when the switch is enabled.
The MIC2549A features an internal latch which causes the
part to remain off after thermal shutdown until a reset pulse
is provided via the enable pin (pin 1). While in current-limit, the
thermal shutdown latch prevents on/off cycling of the output.
Refer to Figure 2 for timing diagram. The flag remains low
until reset.
Enable Input
EN must be driven logic high or logic low, or be pulled high or
low for a clearly defined input. Floating the input may cause
unpredictable operation. EN should not be allowed to go
negative with respect to GND.
Current-Limit Operation
The current limit is user adjustable with an external set
resistor. Current limiting in the range of 500mA to 3A is
available with a set point accuracy of better than
±30% (±20%
for I
SET 1 to 2.5A). The current-limit circuit prevents damage
to the output MOSFET and external load.
The current-limit response of the MIC2545A/49A is based on
the type of load that is applied to the output and is defined in
three parts:
1. The first mode of operation is where the device
enters a constant-current mode preventing
further increases in output current. The value of
this current, I
LIMIT, is defined by the value of
R
SET as explained further in this section.
2. When a short circuit is applied to the output of
an enabled device the output current immedi-
ately folds back to a value less than I
LIMIT called
I
SHORT. This further protects the load and
reduces device power dissipation. Refer to the
“Typical Characteristics: Output Current vs.
Output Voltage” graph for details.
3. When a load is increased, the output current will
proportionally increase up to the current-limit
threshold, I
TH, as shown in the “Functional
Characteristics: Current-Limit Response” graph.
The device in this case will supply current
slightly higher than the current-limit set point
defined by R
SET. As the load is increased
further the current folds back to I
LIMIT.
The nominal current-limit value, I
LIMIT, is set with an external
resistor between ILIM (pin 4) and GND (pin 3). For a desired
current-limit, the value of the external set resistor is given by:
R
=
I
SET
LIMIT
230


where:
76.8
Ω < R
SET < 459Ω
For example, to set a 1A nominal current-limit, R
SET is
calculated as:
230
1A


=Ω
230
Refer to the “Typical Characteristics: Current-Limit vs R
SET
graph for more details.
Current through R
SET increases with output current. The
voltage across R
SET could be monitored with a high imped-
ance comparator to provide an indication of output current.
R
SET should be between 76.8Ω and 459Ω (1% resister
value).
Fault Flag
FLG is an N-channel, open-drain MOSFET output. The fault-
flag is active (low) for current-limit or thermal shutdown
conditions. The flag output MOSFET is capable of sinking a
10mA load to typically 100mV above ground. For applications
with V
IN ≤ 3.6V, it is recommended that flag current be limited
to 5mA or less.


Similar Part No. - MIC2545A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results

Similar Description - MIC2545A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com