Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2546-2BM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2546-2BM
Description  Dual Programmable Current Limit Switch Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2546-2BM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2546-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 9Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 10Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 11Page - Micrel Semiconductor MIC2546-2BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2546/2547
Micrel
MIC2546/2547
10
June 2000
Functional Description
The MIC2546 and MIC2547 are dual high-side N-channel
switches available with active-high or active-low enable in-
puts. Fault conditions turn off or inhibit turn-on of the output
transistor and activate the open-drain error flag transistor
making it sink current to ground.
Input and Output
INX is the power supply connection to the logic circuitry and
the drain of the output MOSFET. OUTX is the source of the
output MOSFET. In a typical circuit, current flows from INX to
OUTX toward the load. If V
OUT is greater than VIN, current will
flow from OUTX to INX since the switch is bidirectional when
enabled. The output MOSFET and driver circuitry are also
designed to allow the MOSFET source to be externally forced
to a higher voltage than the drain (V
OUT > VIN) when the
switch is disabled. In this situation, the MIC2546/47 avoids
undesirable current flow from OUTX to INX. Both OUT pins
for a given channel must be connected together.
Thermal Shutdown
Thermal shutdown shuts off the output MOSFET and signals
the fault flag if the die temperature exceeds 140
°C. 10°C of
hysteresis prevents the switch from turning on until the die
temperature drops to 130
°C. Overtemperature detection
functions only when the switch is enabled.
The MIC2547 features an internal latch which causes the part
to remain off after thermal shutdown until a reset pulse is
provided via the enable pin. While in current-limit, the thermal
shutdown latch prevents on/off cycling of the output. Refer to
Figure 2 for timing diagram. The flag remains low until reset.
Enable Input
ENX must be driven logic high or logic low, or be pulled high
or low for a clearly defined input. Floating the input may cause
unpredictable operation. ENX should not be allowed to go
negative with respect to GND, and V
ENX should be less than
or equal to V
INX.
Adjustable Current-Limit
The short-circuit current-limit is user-adjustable with an exter-
nal set resistor. Current-limit in the range of 100mA to 1.5A is
available with a set point accuracy of better than
±20%. The
current-limit circuit prevents damage to the output MOSFET
and external load.
The nominal current-limit value is set with an external resistor
between ILIMX and GND. For a desired current-limit, the
value of the external set resistor is given by:
R
230V
I
SETX
LIMITX
=


where:
154
Ω < R
SET < 2.29kΩ
For example, to set a 1A nominal current-limit, R
SET is
calculated as:
230V
1A
230

 =
Current through R
SETX increases with OUT current. The
voltage across R
SETX could be monitored with a high imped-
ance comparator to provide an indication of output current.
R
SETX should be between 154Ω and 2.29kΩ (0.5% resistor
value).
Short-Circuit Protection
In the event of a short-circuit, the output current will fold back
to approximately 80% of the short-circuit current-limit.
Fault Flag
FLGX is an N-channel, open-drain MOSFET output. The
fault-flag is active (low) for current-limit or thermal shutdown
conditions. The flag output MOSFET is capable of sinking a
10mA load to typically 100mV above ground.


Similar Part No. - MIC2546-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2546-2BM MICREL-MIC2546-2BM Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
More results

Similar Description - MIC2546-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Dynex Semiconductor
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
   12V, 5A Programmable Current Limit Switch
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
   12V, 5A Programmable Current Limit Switch
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
   Power Switch with Programmable Current Limit
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com