Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT14Z-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97634IRT14Z-T
Description  White LED Driver with Wide PWM Dimming Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT14Z-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97634IRT14Z-T Datasheet HTML 4Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 5Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 6Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 7Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 8Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 9Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 10Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 11Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL97634
8
FN6264.4
August 27, 2013
Shutdown
When PWM/EN is taken low the ISL97634 enters into the
power-down mode where the supply current is reduced to less
than 1µA. The device resumes normal when the PWM/EN goes
high.
Components Selection
The input capacitance is typically 0.22µF. The output capacitor
should be in the range of 0.22µF to 1µF. X5R or X7R type of
ceramic capacitors of the appropriate voltage rating are
recommended.
When choosing an inductor, make sure the average and peak
current ratings are adequate by using Equations 3, 4 and 5 (80%
efficiency assumed):
Where:
ΔIL is the peak-to-peak inductor current ripple in Amps
• L is the inductance in H
•fOSC is the switching frequency, typically 1.45MHz
The ISL97634 supports a wide range of inductance values (10µH
to ~82µH). For lower inductor values or lighter loads, the boost
inductor current may become discontinuous. For high boost
inductor values, the boost inductor current will be in continuous
mode.
In addition to the inductor value and switching frequency, the
input voltage, number of LEDs and the LED current also affects
whether the converter operates in continuous conduction or
discontinuous conduction mode. Both operating modes are
allowed and normal. The discontinuous conduction mode yields
lower efficiency due to higher peak current.
Compensation
The product of the output capacitor and the load create a pole
while the inductor creates a right half plane zero. Both of these
attributes degrade the phase margin but the ISL97634 has
internal compensation network that ensures the device operates
reliably under the specified conditions. The internal
compensation and the highly integrated functions of the
ISL97634 make it a design friendly device to be used in high
volume, high reliability applications.
Applications
Analog Dimming
Analog dimming is usually not recommended because of the
brightness non-linearity at low levels dimming. However, some
systems are EMI or noise sensitive that analog dimming may be
more suitable than PWM dimming under those situations. The
ISL97632 is part of the same family as the ISL97634 and has
been designed with a serial interface to give access to 32
separate dimming levels. Alternatively analog dimming can be
achieved by applying a variable DC voltage (VDim) at the FB pin
(see Figure 15) to adjust the LED current. As the DC dimming
signal voltage increases above VFB, the voltage drop on R1 and
R2 increases and the voltage drop on RSET decreases. Thus, the
LED current decreases as shown in Equation 6:
If VDIM is taken below FB, the inverse will happen and the
brightness will increase.
The DC dimming signal voltage can be a variable DC voltage from
a POT, a DCP (Digitally Controlled Potentiometer), or a DC voltage
generated by filtering a high frequency PWM control signal.
As brightness is directly proportional to LED currents, VDim may
be calculated for any desired “relative brightness” (F) using
Equation 7:
Where F = ILED (dimmed)/ILED (undimmed).
These equations are valid for values of R1 and R2 such that both
R1>>RSET and R2>>RSET.
The analog dimming circuit can be tailored to a desired relative
brightness for different VDim ranges using Equation 8.
Where VDim_max is the maximum VDim voltage and Fmin is the
minimum relative brightness (i.e., the brightness with VDim_max
applied).
i.e., VDim_max = 5V, Fmin = 10% (i.e., 0.1), R2 = 189k
i.e., VDim_max = 1V, Fmin = 10% (i.e., 0.1), R2 = 35k
TABLE 1.
PART NO.
OVP
MAX ILED
ISL97634IRT14Z
14V
70mA
ISL97634IRT18Z
18V
50mA
ISL97634IRT26Z
26V
30mA
I
LAVG
I
LED VOUT
0.8 V
IN
---------------------------------
=
(EQ. 3)
I
LPK
I
LAVG
1
2
---
I
L
Δ
+
=
(EQ. 4)
I
L
Δ
V
IN
V
OUT
V
IN
()
LV
OUT fOSC
⋅⋅
---------------------------------------------------
=
(EQ. 5)
I
LED
V
FB
R
1
R
2
+
() V
Dim R1
R
2 R
SET
--------------------------------------------------------------------------
=
(EQ. 6)
FIGURE 15. ANALOG DIMMING CONTROL APPLICATION CIRCUIT
ISL97634
C1
VIN
LX
PWM
FB
GND
L1
22µH
C2
0.22µF
RSET
4.75
Ω
LEDs
1µF
LX
VIN
3.3V
R1
R2
VDim
VOUT
3.3k
V
Dim
R
2
R
1
------- V
FB
1
R
1
R
2
-------
F
+
⎝⎠
⎜⎟
⎛⎞
⋅⋅
=
(EQ. 7)
R
2
V
Dim_max
V
FB
() R
1
[]
V
FB
1F
min
()
[]
-------------------------------------------------------------------
=
(EQ. 8)


Similar Part No. - ISL97634IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634IRT14Z-T RENESAS-ISL97634IRT14Z-T Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com