Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT14Z-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL97634IRT14Z-T
Description  White LED Driver with Wide PWM Dimming Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT14Z-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL97634IRT14Z-T Datasheet HTML 4Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 5Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 6Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 7Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 8Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 9Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 10Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 11Page - Intersil Corporation ISL97634IRT14Z-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL97634
10
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6264.4
August 27, 2013
For additional products, see www.intersil.com/product_tree
may be beneficial enough that it outweighs the disadvantage of
adding additional component cost. L1 and L2 can be a coupled
inductor in one package.
The simplest way to understand SEPIC topology is to think about it
as a boost regulator where the input voltage is level shifted
downward at the same magnitude and the lowest reference level
starts at -VIN rather than 0V.
The SEPIC works as follows; assume the circuit in Figure 19
operates normally when the ISL97634 internal switch opens and it
is in the PWM off state. After a short duration where few LC time
constants elapsed, the circuit is considered in the steady-state
within the PWM off period that L1 and L2 are shorted. VB is
therefore shorted to the ground and C3 is charged to VIN with
VA =VIN. When the ISL97634 internal switch closes and the circuit
is in the PWM on-state, VA is now pulled to ground. Since the
voltage in C3 cannot be changed instantaneously, VB is shifted
downward and becomes -VIN. The next cycle when the ISL97634
switch opens, VB boosts up to the targeted output like the
standard boost regulator operation, except the lowest reference
point is at -VIN. The output is approximated in Equation 9:
where D is the on-time of the PWM duty cycle.
The convenience of SEPIC comes with some trade-off in addition
to the additional L and C costs. The efficiency is usually lowered
because of the relatively large efficiency loss through the Schottky
diode if the output voltage is low. The L2 series resistance also
contributes additional loss. Figure 20 shows the efficiency
measurement of a single LED application as the input varies
between 2.7V and 4.2V.
Note VB is considered the level-shifted LX node of a standard boost
regulator. The higher the input voltage, the lower the VB voltage
will be during PWM on period. The result is that the efficiency will
be lower at higher input voltages because the SEPIC has to work
harder to boost up to the required level. This behavior is the
opposite to the standard boost regulator’s and the comparison is
shown in Figure 20.
PCB Layout Considerations
The layout is very important for the converter to function properly.
RSET must be located as close as possible to the FB and GND pins.
Longer traces to the LEDs are acceptable. Similarly, the supply
decoupling cap and the output filter cap should be as close as
possible to the VIN and VOUT pins.
The heat of the IC is mainly dissipated through the thermal pad of
the package. Maximizing the copper area connected to this pad if
possible and connect to ground plane on the PCB. Connect all vias to
the correct voltage potential (power plane) indicated in the
datasheet. In addition, a solid ground plane is always helpful for the
EMI performance.
FIGURE 19. SEPIC LED DRIVER
C1
1µF
L1
22µH
1
2
VA
VB
VIN = 2.7V TO 5.5V
22µH
L2
C3
1µF
C4
0.22µF
D1
R1
1
Ω
C2
0.1µF
VIN
SDIN
LX
VOUT
FBSW
FB
GND
ISL97634
D0
V
OUT
V
IN
D
1D
()
------------------
=
(EQ. 9)
0
510
15
20
ILED (mA)
76
72
68
64
60
1 LED
L1 = L2 = 22µH
C3 = 1µF
R1 = 4.7Ω
FIGURE 20. EFFICIENCY MEASUREMENT OF A SINGLE LED SEPIC
DRIVER
VIN = 4.2V
VIN = 2.7V


Similar Part No. - ISL97634IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634IRT14Z-T RENESAS-ISL97634IRT14Z-T Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com