Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97636IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97636IRZ
Description  8-Channel LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97636IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97636IRZ Datasheet HTML 1Page - Intersil Corporation ISL97636IRZ Datasheet HTML 2Page - Intersil Corporation ISL97636IRZ Datasheet HTML 3Page - Intersil Corporation ISL97636IRZ Datasheet HTML 4Page - Intersil Corporation ISL97636IRZ Datasheet HTML 5Page - Intersil Corporation ISL97636IRZ Datasheet HTML 6Page - Intersil Corporation ISL97636IRZ Datasheet HTML 7Page - Intersil Corporation ISL97636IRZ Datasheet HTML 8Page - Intersil Corporation ISL97636IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6570.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL97636
8-Channel LED Driver
The ISL97636 is an integrated power LED driver that
controls 8 channels of LED current for LCD backlight
applications. The ISL97636 is capable of driving typically 72
(8x9) pieces of 3.5V/30mA or 80 (8x10) pieces of
3.2V/20mA LEDs. The ISL97636’s contains 8 channels of
voltage controlled current sources with typical currents
matching of ±1%, which compensate for the non-uniformity
effect of forward voltages variance in the LED stacks. To
minimize the voltage headroom and power loss in the typical
multi-strings operation, the ISL97636 features a dynamic
headroom control that monitors the highest LED forward
voltage string and uses its feedback signal for output
regulation.
The LED brightness can be pulse width modulated with an
applied PWM signal from DC to audio noise free 20kHz.
The ISL97636 features extensive protection functions that
include string open and short circuit detections, OVP, OTP,
thermal shutdown and an optional input overcurrent
protection with master fault disconnect switch.
Available in the 24 Ld 4mmx4mm QFN, the ISL97636
operates from -40°C to +85°C with input voltage ranges from
6V to 24V for high LEDs count applications.
Features
• 8 Channels
• 6V to 24V Input
• 34.5V Output Max
• Drive Maximally 72 (3.5V/30mA each) or 80 (3.2V/20mA
each) LEDs
• Current Matching ±1% Typ
• Dynamic Headroom Control
• PWM Signal up to 20kHz Dimming
• Protections
- String Open Circuit Detection
- String Short Circuit Detection with Selectable Thresholds
- Over-Temperature Protection
- Overvoltage Protection
- Optional Input Overcurrent Protection w/Disconnect SW
• 1.2MHz Switching Frequency
• 24 Ld 4mmx4mm QFN Package
• Pb-Free (RoHS compliant)
Applications
• Notebook Displays LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97636IRZ*
976 36IRZ
24 Ld 4x4 QFN
L24.4x4D
*Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for
details on reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
May 9, 2008


Similar Part No. - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Renesas Technology Corp
ISL97636IRZ RENESAS-ISL97636IRZ Datasheet
1Mb / 18P
   8-Channel LED Driver
More results

Similar Description - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Intersil Corporation
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
logo
Rohm
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com