Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97636AIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL97636AIRZ
Description  6-Channel LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97636AIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL97636AIRZ Datasheet HTML 2Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 3Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 9Page - Intersil Corporation ISL97636AIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6566.0
May 9, 2008
Typical Performance Curves
FIGURE 2. EFFICIENCY, L = 8.2µH WITH DCR = 106m
Ω,
CO = 4x4.7µF/50V
FIGURE 3. EFFICIENCY, L = 10µH WITH DCR = 129m
Ω,
CO = 4x4.7µF/50V
FIGURE 4. 3 EFFICIENCY, L = 10µH WITH DCR = 500m
Ω,
1mm, CO = 4x4.7µF/50V
FIGURE 5. CURRENT REGULATION
FIGURE 6. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 7. CURRENT MATCHING vs DUTY CYCLE vs
DIMMING FREQUENCY
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 8.2µH
IHLP-2525BD-01
DCR = 106m
Ω
ISAT = 3A
7S6P - 18V
9S6P - 6V
7S6P - 6V
9S6P - 12V
7S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
IHLP-2525BD-01
DCR = 129m
Ω
ISAT = 2.5A
7S6P - 6V
7S6P - 12V
7S6P - 18V
9S6P - 6V
9S6P - 12V
9S6P - 18V
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
20
40
60
80
100
120
140
IO (mA)
L = 10µH
DCR ~ 500m
Ω
<1mm HEIGHT
9S6P - 6V
7S6P - 6V
9S6P - 12V
9S6P - 18V
7S6P - 12V
7S6P - 18V
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
10
1214
161820222426
VIN (V)
20mA
-0.020
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
CHANNELS
6P9S = 54 LEDs
6V/1mA
6V/20mA
12V/1mA
12V/20mA
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
PWM DUTY CYCLE
10kHz
200Hz
1kHz
100Hz
20kHz
VIN = 12V
ISL97636A


Similar Part No. - ISL97636AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636AIRZ RENESAS-ISL97636AIRZ Datasheet
1Mb / 18P
   6-Channel LED Driver
More results

Similar Description - ISL97636AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
   6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com