Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97672BIRZ-EVAL Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97672BIRZ-EVAL
Description  6-Channel LED Driver with Ultra Low Dimming Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97672BIRZ-EVAL Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97672BIRZ-EVAL Datasheet HTML 1Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 2Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 3Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 4Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 5Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 6Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL97672BIRZ-EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL97672B
5
FN7995.1
November 22, 2013
REGULATOR
VDC
LDO Output Voltage
VIN > 6V
4.55
4.8
5
V
IVDC_STBY
Standby Current
EN = 0V
5
µA
VLDO
VDC LDO Droop Voltage
VIN > 5.5V, 20mA
20
200
mV
ENLow
Guaranteed Range for EN Input Low Voltage
0.5
V
ENHi
Guaranteed Range for EN Input High Voltage
1.8
V
tENLow
EN Low Time Before Shut-down
30
us
BOOST
SWILimit
Boost FET Current Limit
1.5
2.0
2.7
A
rDS(ON)
Internal Boost Switch ON-Resistance
TA = +25°C
235
300
mΩ
SS
Boost Soft-start Time
100% LED Duty Cycle
7
ms
Eff_peak
Peak Efficiency
VIN = 12V, 72 LEDs, 20mA
each, L = 10µH with DCR
101mΩ
, TA = +25°C
92.9
%
VIN = 12V, 60 LEDs, 20mA
each, L = 10µH with DCR
101mΩ
, TA = +25°C
90.8
%
ΔIOUT/ΔVIN
Line Regulation
0.1
%
Dmax
Boost Maximum Duty Cycle
FSW = 600kHz
90
%
FSW = 1.2MHz
81
%
Dmin
Boost Minimum Duty Cycle
FSW = 600kHz
9.5
%
FSW = 1.2MHz
17
%
fS
Minimum Switching Frequency
RFSW = 200kΩ
175
200
235
kHz
fS
Maximum Switching Frequency
RFSW = 33kΩ
1.312
1.50
1.69
MHz
ILX_leakage
LX Leakage Current
LX = 45V, EN = 0
10
µA
CURRENT SOURCES
IMATCH
Channel-to-Channel Current Matching
RSET =20.5kΩ
(IOUT = 20mA)
±0.7
±1.0
%
IACC
Current Accuracy
-1.5
+1.5
%
Vheadroom20
Dominant Channel Current Source Headroom
at IIN Pin measured with ILED=20mA
ILED = 20mA
TA = +25°C
500
(Note 9)
mV
Vheadroom33
Dominant Channel Current Source Headroom
at IIN Pin measured with ILED=33mA
ILED = 33mA
TA = +25°C
560
(Note 9)
710
860
(Note 9)
mV
VRSET
Voltage at RSET Pin
RSET = 20.5kΩ
1.2
1.22
1.24
V
ILEDmax
Maximum LED Current per Channel
VIN = 12V, VOUT = 45V,
FSW = 1.2MHz, TA = +25°C
50
mA
FAULT DETECTION
VSC
Channel Short Circuit Threshold
PWM Dimming = 100%
7.5
8.2
V
Temp_shtdwn
Over- Temperature Shutdown Threshold
150
°C
Temp_Hyst
Over- Temperature Shutdown Hysteresis
23
°C
VOVPlo
Overvoltage Limit on OVP Pin
1.199
1.24
V
Electrical Specifications All specifications are tested at T
A = +25°C, VIN = 12V, EN = 5V, RSET = 20.1kΩ, unless otherwise noted. Boldface
limits apply over the operating junction temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Similar Part No. - ISL97672BIRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results

Similar Description - ISL97672BIRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
logo
Renesas Technology Corp
ISL97672B RENESAS-ISL97672B Datasheet
1,014Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com