Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97678IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97678IRZ
Description  8-Channel 45V, 50mA LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97678IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97678IRZ Datasheet HTML 4Page - Intersil Corporation ISL97678IRZ Datasheet HTML 5Page - Intersil Corporation ISL97678IRZ Datasheet HTML 6Page - Intersil Corporation ISL97678IRZ Datasheet HTML 7Page - Intersil Corporation ISL97678IRZ Datasheet HTML 8Page - Intersil Corporation ISL97678IRZ Datasheet HTML 9Page - Intersil Corporation ISL97678IRZ Datasheet HTML 10Page - Intersil Corporation ISL97678IRZ Datasheet HTML 11Page - Intersil Corporation ISL97678IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL97678
8
FN6998.2
May 6, 2014
Submit Document Feedback
FIGURE 8. CHANNEL-TO-CHANNEL CURRENT MATCHING EXAMPLE
FIGURE 9. CURRENT MATCHING vs VIN vs TEMPERATURE
FIGURE 10. CURRENT LINEARITY vs LOW LEVEL PWM DIMMING
DUTY CYCLE
FIGURE 11. TYPICAL CHANNEL VOLTAGE EXAMPLE
FIGURE 12. VHEADROOM vs VIN vs TEMPERATURE AT 50mA
FIGURE 13. VHEADROOM vs VIN vs TEMPERATURE AT 20mA
Typical Performance Curves (Continued)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
13
6
CHANNEL
20mA - 8P12S
50mA - 8P11S
24
57
8
12V/50mA
12V/20mA
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
VIN (V)
50mA
8P11
0°C
-40°C
+85°C
+25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
PWM DIMMING DUTY CYCLE (%)
20mA - 8P12S
50mA - 8P11S
12V/50mA
5V/20mA
24V/20mA
24V/50mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
2
357
8
CHANNEL
20mA - 8P12S
50mA - 8P11S
46
12V/50mA
12V/20mA
HEADROOM CONTROL CHANNEL
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
VIN (V)
50mA
8P11S
+25°C
+85°C
0°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
VIN (V)
20mA
8P11S
+25°C
+85°C
0°C


Similar Part No. - ISL97678IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Renesas Technology Corp
ISL97678IRZ RENESAS-ISL97678IRZ Datasheet
1Mb / 17P
   8-Channel 45V, 50mA LED Driver
More results

Similar Description - ISL97678IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
   8-Channel 45V, 50mA LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com