Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97687IRTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97687IRTZ
Description  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97687IRTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97687IRTZ Datasheet HTML 3Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 4Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 5Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 6Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 7Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 8Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 9Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 10Page - Intersil Corporation ISL97687IRTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL97687
7
FN7714.2
November 13, 2013
DMAX
Boost Maximum Duty Cycle
fSW = 600kHz
92
%
DMIN
Boost Minimum Duty Cycle
fSW = 1.2MHz
26
%
fSW
Boost Switching Frequency (See Equation 4)
ROSC = 250kΩ
180
200
220
kHz
ROSC = 83kΩ
540
600
660
kHz
ROSC = 42kΩ
1.08
1.2
1.32
MHz
EFFPEAK
Boost Peak Efficiency
90
%
REFERENCE
IMATCH
Channel-to-Channel Current Matching
Channels are in a single IC,
ILED: 100mA
-2
±1
2
%
IACC
Absolute Current
RISET1/2 = 28.7kΩ
-3
3
%
FAULT DETECTION
VSC
Channel Short Circuit Threshold
7.2
8
8.8
V
VTEMP
Over-Temperature Threshold
150
°C
VTEMP_ACC
Over-Temperature Threshold Accuracy
5
°C
VOVP_OUT
Overvoltage Limit on OVP Pin
1.18
1.22
1.24
V
VOVP_IN
Overvoltage Limit on VIN Pin
35
V
DIGITAL I/O LOGIC LEVEL SPECIFICATIONS
VIL
Logic Input Low Voltage - STV, EN_PS, EN_VSYNC,
EN_ADIM, PWMI, CSEL, EN
0.8
V
VIH
Logic Input High Voltage - STV, EN_PS, EN_VSYNC,
EN_ADIM, PWMI, CSEL, EN
1.5
5.5
V
STV
Frame frequency
30
240
Hz
CURRENT SOURCES
VHEADROOM
Dominant Channel Current Source Headroom at CH Pin ILED = 160mA
TA = +25°C
0.75
V
VISET1,2
Voltage at ISET1 and 2 Pins
1.18
1.21
1.24
V
ILED_MAX
Maximum LED Current per Channel
160
mA
PWM GENERATOR
fPWM
Generated PWM Frequency (See Equation 3)
RPWM_SET = 333kΩ
45
50
55
Hz
RPWM_SET = 3.3kΩ
4.5
5
5.5
kHz
Dimming Range
PWM Dimming Duty Cycle Limits
fPWM ≤ 20kHz
0.1
100
%
fPWMI
PWMI Input Frequency Range
60
20k
Hz
VPWM_SET
PWM_SET Voltage
RPWM_SET = 3.3kΩ
1.18
1.21
1.25
V
VACTL
Analog Dimming Input
0% Dimming
0.28
0.3
0.31
V
100% Dimming
2.95
3
3.1
V
tPWM_MIN
Minimum PWM On Time in Direct PWM Mode
350
ns
NOTES:
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. At maximum VIN of 32V, minimum VOUT is 35V. Minimum VOUT can be lower at lower VIN.
Electrical Specifications All specifications below are characterized at T
A = -40°C to +105°C; VIN = 12V, EN = 5V. Boldface limits apply
over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT


Similar Part No. - ISL97687IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687IRTZ RENESAS-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results

Similar Description - ISL97687IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com