Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160ATXEI-70 Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV160ATXEI-70
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160ATXEI-70 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV160ATXEI-70 Datasheet HTML 7Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 8Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 9Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 10Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 11Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 12Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 13Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 14Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
11
P/N:PM0866
MX29LV160T/B & MX29LV160AT/AB
REV. 3.7, APR. 23, 2003
ADDRESS
Q8~Q15
DESCRIPTION
CE
OE
WE RESET A19 A11 A9 A8
A6 A5 A1
A0
Q0~Q7
BYTE
BYTE
A12 A10
A7
A2
=VIH
=VIL
Read
L
L
H
H
AIN
Dout
Dout
=High Z
DQ15=A-1
Write
L
H
L
H
AIN
DIN(3)
DIN
Reset
X
X
X
L
X
High Z
High Z
High Z
Temporary sector unlock
X
X
X
VID
AIN
DIN
DIN
High Z
Output Disable
L
H
H
H
X
High Z
High Z
High Z
Standby
Vcc±
X
X
Vcc±
X
High Z
High Z
High Z
0.3V
0.3V
Sector Protect
L
H
L
VID
SA
X
X
X
L
X
H
L
DIN
X
X
Chip Unprotect
L
H
L
VID
X
X
X
X
H
X
H
L
DIN
X
X
Sector Protection Verify
L
L
H
H
SA
X
VID
X
L
X
H
L
CODE(5)
X
X
TABLE 6. MX29LV160T/B & MX29LV160AT/AB BUS OPERATION
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 4.
2. VID is the high voltage, 11.5V to 12.5V.
3. Refer to Table 5 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H/XX00H means unprotected.
Code=01H/XX01H means protected.
6. A19~A12=Sector address for sector protect.
7.The sector protect and chip unprotect functions may also be implemented via programming equipment.


Similar Part No. - MX29LV160ATXEI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BB MCNIX-MX29LV160BB Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-70 MCNIX-MX29LV160BBMC-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-90 MCNIX-MX29LV160BBMC-90 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMI-70 MCNIX-MX29LV160BBMI-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160ATXEI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com