Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97683IRTZ-EVAL Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97683IRTZ-EVAL
Description  Compact 2-3-4-Ch LED Drivers with Phase Shift Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97683IRTZ-EVAL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97683IRTZ-EVAL Datasheet HTML 4Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 5Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 6Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 9Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 10Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 11Page - Intersil Corporation ISL97683IRTZ-EVAL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL97682, ISL97683, ISL97684
8
FN7689.1
May 16, 2012
FIGURE 9. CURRENT LINEARITY vs LOW LEVEL PWM DIMMING
DUTY CYCLE AT 12VIN FOR 4P10S AT 20mA/CH
FIGURE 10. CURRENT LINEARITY vs PWM DIMMING DUTY CYCLE
AT 12VIN FOR 4P10S AT 20mA/CH
FIGURE 11. QUIESCENT CURRENT vs VIN WITH EN = HIGH, NO
LEDS CONNECTED
FIGURE 12. CHANNEL VOLTAGE vs VIN FOR VIN = 12V AT 4P10S AT
20mA/CH
FIGURE 13. LINE REGULATION WITH VIN CHANGE FROM 6V TO 26V
FOR 4P10S AT 20mA/C
FIGURE 14. LINE REGULATION WITH VIN CHANGE FROM 26V TO 6V
FOR 4P10S AT 20mA/CH
Typical Performance Curves (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0.8
1.6
2.4
3.2
4.0
4.8
DC (%)
MEASURED
CALCULATED
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
20
40
60
80
100
CH4
CH2
CH3
CH1
DIMMING DUTY CYCLE (%)
0
1
2
3
4
5
0
5
10
15
20
25
30
VIN (V)
0
0.2
0.4
0.6
0.8
1.0
010
20
30
VIN (V)
CH4
CH2
CH3
CH1
VIN (5V/DIV)
IIN (0.5A/DIV)
ILED (20mA/DIV)
VIN (5V/DIV)
IIN (0.5A/DIV)
ILED (20mA/DIV)


Similar Part No. - ISL97683IRTZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97683IRTZ-EVAL INTERSIL-ISL97683IRTZ-EVAL Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results

Similar Description - ISL97683IRTZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Renesas Technology Corp
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
   Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com