Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL99140IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL99140IRZ
Description  40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99140IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL99140IRZ Datasheet HTML 1Page - Intersil Corporation ISL99140IRZ Datasheet HTML 2Page - Intersil Corporation ISL99140IRZ Datasheet HTML 3Page - Intersil Corporation ISL99140IRZ Datasheet HTML 4Page - Intersil Corporation ISL99140IRZ Datasheet HTML 5Page - Intersil Corporation ISL99140IRZ Datasheet HTML 6Page - Intersil Corporation ISL99140IRZ Datasheet HTML 7Page - Intersil Corporation ISL99140IRZ Datasheet HTML 8Page - Intersil Corporation ISL99140IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL99140
2
FN8642.0
May 5, 2014
Submit Document Feedback
Pin Configuration
ISL99140
(40 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)PART MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL99140IRZ
99140 IRZ
-40 to +85
40 Ld Exposed Pad 6x6 QFN
L40.6X6A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL99140. For more information on MSL, please see tech brief TB363.
10
987654
321
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
PWM
EN
THDN
GND
GL
SW
SW
SW
SW
SW
VIN
VIN
VIN
VIN
SW
PGND
PGND
PGND
PGND
PGND
VIN
PAD2
AGND
PAD1
SW
PAD3


Similar Part No. - ISL99140IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99140IRZ-T RENESAS-ISL99140IRZ-T Datasheet
761Kb / 15P
   40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
More results

Similar Description - ISL99140IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
   40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Fairchild Semiconductor
FDMF5822DCCT-ND FAIRCHILD-FDMF5822DCCT-ND Datasheet
1Mb / 25P
   FDMF5822DC-Smart Power Stage (SPS) Module with Integrated Thermal Warning and Thermal Shutdown
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
logo
Vishay Siliconix
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com