Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL1505ALNNT Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL1505ALNNT
Description  Synchronous Step-Down MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL1505ALNNT Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL1505ALNNT Datasheet HTML 5Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 6Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 7Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 8Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 9Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 10Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 11Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 12Page - Intersil Corporation ZL1505ALNNT Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ZL1505
10
FN6845.3
February 25, 2011
ZL1505 Overview
Theory of Operation
The ZL1505 is a synchronous N-channel MOSFET driver that is
intended for use with Zilker Labs Digital-DC PWM controllers to
enable a high-efficiency DC/DC conversion scheme. The
patented Digital-DC control scheme utilizes a closed-loop
algorithm to optimize the dead-time applied between the gate
drive signals for the high-side and low-side MOSFETs. By
monitoring the duty cycle of the resulting DC/DC converter
circuit, this dynamic routine continuously varies the MOSFET
dead times to optimize conversion efficiency in response to
varying circuit conditions. The ZL1505’s dual PWM input
configuration enables this optimization scheme to be applied
while minimizing the complexity within the driver device. Please
refer to the ZL2004 data sheet for details on the dynamic
dead-time optimization routine.
The ZL1505 integrates two powerful gate drivers that have been
optimized for step-down DC/DC conversion circuit configurations
whose output current can exceed 40A per phase. The ZL1505
also integrates a 30V bootstrap Schottky diode to minimize the
external components and provide a high drive voltage to the
high-side driver device.
Variable Gate Drive Current
The ZL1505 incorporates an innovative variable drive current
scheme that enables the user to optimize the gate drive current
levels to the requirements of the external MOSFETs used over a
wide range of operating frequencies. Each of the gate drivers
incorporates a logic input (HSEL and LSEL) that allows the user to
select the gate drive strength to 50% or 100% of the total rated
drive current.
With the HSEL pin connected to the BST pin, the high-side driver
can deliver the full rated gate drive current; with the HSEL pin
connected to the SW pin, the output current will be limited to
50% of the full rated output capability. With the LSEL pin
connected to VDD, the low-side driver can deliver the full rated
gate drive current; with the LSEL pin connected to GND, the
FIGURE 22. HIGH-SIDE DRIVER RISE TIME, tRH (CGH = 3nF,
TA = +25°C)
FIGURE 23. tRH WITH TEMPERATURE (CGH = 3nF, HSEL = BST)
FIGURE 24. HIGH-SIDE DRIVER FALL TIME, tFH (CGH = 3nF,
TA = +25°C)
FIGURE 25. tFH WITH TEMPERATURE (CGH = 3nF, HSEL = BST)
Typical Performance Curves Performance curves with temperature are measured at ambient temperatures (T
A) of
+85°C, +25°C, and -25°C.
(Continued)
VDD (V)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
17.5
11.5
13.5
15.5
5.5
9.5
7.5
3.5
HSEL = SW
HSEL = BST
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
8.5
5.5
6.5
7.5
3.5
4.5
-25
°C
+25
°C
+85
°C
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
11.5
5.5
7.5
9.5
3.5
HSEL = SW
HSEL = BST
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
7.5
4.5
5.5
6.5
3.5
-25
°C
+25
°C
+85
°C


Similar Part No. - ZL1505ALNNT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL1505ALNNT INTERSIL-ZL1505ALNNT Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Renesas Technology Corp
ZL1505ALNNT RENESAS-ZL1505ALNNT Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505ALNNT1 INTERSIL-ZL1505ALNNT1 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Renesas Technology Corp
ZL1505ALNNT1 RENESAS-ZL1505ALNNT1 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505ALNNT6 INTERSIL-ZL1505ALNNT6 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
More results

Similar Description - ZL1505ALNNT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505 RENESAS-ZL1505 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505 INTERSIL-ZL1505_10 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Fairchild Semiconductor
FD1505 FAIRCHILD-FD1505 Datasheet
716Kb / 2P
   Synchronous Step-Down MOSFET Driver
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com