Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL1505ALNNT6 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ZL1505ALNNT6
Description  Synchronous Step-Down MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL1505ALNNT6 Datasheet(HTML) 2 Page - Intersil Corporation

  ZL1505ALNNT6 Datasheet HTML 1Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 2Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 3Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 4Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 5Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 6Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 7Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 8Page - Intersil Corporation ZL1505ALNNT6 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZL1505
2
FN6845.3
February 25, 2011
Typical Application Circuit
The following application circuit represents the typical implementation of the ZL1505 (Notes 1, 2).
NOTES:
1. For VDD of 4.5V to 7.5V, the maximum VIN of the ZL1505 is 22.5V to 25.5V. ZL1505 input supply voltage range (VIN) is specified in Figure 2.
2. VIN for this application circuit is limited by the ZL2004 VIN of 4.5V to 14V.
FIGURE 2. POWER TRAIN MODULE USING ZL2004 PWM CONTROLLER
VOUT
VIN
4.5-14V
VBIAS
4.5-7.5V
ZL2004
GND
GND
PWML
PWMH
PWML
PWMH
CS-
CS+
TEMP-
TEMP+
ISENB
ISENA
XTEMP
SGND
PWMH
PWML
GH
GL
SW
ZL1505
VIN
VDD
Power Train
Module
VMON


Similar Part No. - ZL1505ALNNT6

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL1505ALNNT6 INTERSIL-ZL1505ALNNT6 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Renesas Technology Corp
ZL1505ALNNT6 RENESAS-ZL1505ALNNT6 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
More results

Similar Description - ZL1505ALNNT6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505 RENESAS-ZL1505 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505 INTERSIL-ZL1505_10 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Fairchild Semiconductor
FD1505 FAIRCHILD-FD1505 Datasheet
716Kb / 2P
   Synchronous Step-Down MOSFET Driver
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com