Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL1505ALNFT Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL1505ALNFT
Description  Synchronous Step-Down MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL1505ALNFT Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL1505ALNFT Datasheet HTML 5Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 6Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 7Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 8Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 9Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 10Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 11Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 12Page - Intersil Corporation ZL1505ALNFT Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ZL1505
9
FN6845.3
February 25, 2011
FIGURE 16. LOW-SIDE DRIVER FALL TIME, tFL (CGL = 3nF,
TA = +25°C)
FIGURE 17. tFL WITH TEMPERATURE (CGL = 3nF, LSEL = VDD)
FIGURE 18. HIGH-SIDE DRIVER PULL-UP CURRENT
(VGH - VSW = 2.5V, TA = +25°C)
FIGURE 19. HS PULL-UP CURRENT WITH TEMPERATURE
(VGH - VSW = 2.5V, HSEL = BST)
FIGURE 20. HIGH-SIDE DRIVER PULL-DOWN CURRENT
(VGH - VSW = 2.5V, TA = +25°C)
FIGURE 21. HS PULL-DOWN CURRENT WITH TEMPERATURE
(VGH - VSW = 2.5V, HSEL = BST)
Typical Performance Curves Performance curves with temperature are measured at ambient temperatures (T
A) of
+85°C, +25°C, and -25°C.
(Continued)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
7
4
5
6
2
3
LSEL = GND
LSEL = VDD
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
4.5
3.0
3.5
4.0
2.0
2.5
+25
°C
-25
°C
+85
°C
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
5
2
3
4
0
1
HSEL = SW
HSEL = BST
VDD (V)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
5.0
3.5
4.0
4.5
2.0
3.0
1.0
2.5
1.5
-25
°C
+25
°C
+85
°C
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
5
2
3
4
0
1
HSEL = SW
HSEL = BST
VDD (V)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
5.0
3.5
4.0
4.5
2.0
3.0
2.5
1.5
-25
°C
+25
°C
+85
°C


Similar Part No. - ZL1505ALNFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505ALNFT RENESAS-ZL1505ALNFT Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
ZL1505ALNFT1 RENESAS-ZL1505ALNFT1 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
ZL1505ALNFT6 RENESAS-ZL1505ALNFT6 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
More results

Similar Description - ZL1505ALNFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505 RENESAS-ZL1505 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505 INTERSIL-ZL1505_10 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Fairchild Semiconductor
FD1505 FAIRCHILD-FD1505 Datasheet
716Kb / 2P
   Synchronous Step-Down MOSFET Driver
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com