Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2549A-1BN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2549A-1BN
Description  Programmable Current Limit High-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2549A-1BN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2549A-1BN Datasheet HTML 2Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 3Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 4Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 5Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 6Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 7Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 8Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 9Page - Micrel Semiconductor MIC2549A-1BN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MIC2545A/2549A
Micrel
MIC2545A/2549A
6
June 2000
Typical Characteristics
30
31
32
33
34
35
36
37
38
39
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Output On-Resistance
vs. Supply Voltage
T
A = 27°C
25
30
35
40
45
50
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output On-Resistance
vs. Temperature
2.7V
3.3V
5.0V
0
20
40
60
80
100
120
140
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
On-State Supply Current
vs. Supply Voltage
T
A = 27°C
0
20
40
60
80
100
120
140
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-State Supply Current
vs. Temperature
2.7V
3.3V
5.0V
0
0.1
0.2
0.3
0.4
0.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Off-State Supply Current
vs. Temperature
2.7V
3.3V
5.0V
R
L = 44Ω
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Off-State Supply Current
vs. Supply Voltage
T
A = 27°C
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Control Threshold Voltage
vs. Supply Voltage
T
A = 27°C
HIGH
LOW
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Control Threshold Voltage
vs. Temperature
LOW
HIGH
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Rise Time
vs. Temperature
2.7V
3.3V
5.0V
R
L = 44Ω
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Fall Time
vs. Temperature
2.7V
3.3V
R
L = 44Ω
5.0V
C
L = 0µF
0
500
1000
1500
2000
2500
3000
3500
0
150
300
450
600
R
SET (Ω)
Current Limit
vs. Rset
I
TH
V
IN = 5V
I
LIMIT
I
SHORT
0
500
1000
1500
2000
2500
3000
3500
0
1.0
2.0
3.0
4.0
5.0
6.0
OUTPUT VOLTAGE (V)
Output Current
vs. Output Voltage
R
SET = 92
V
IN = 5V
R
SET = 230
R
SET = 460


Similar Part No. - MIC2549A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2549A-1BN MICREL-MIC2549A-1BN Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2549A-1BN MICREL-MIC2549A-1BN Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results

Similar Description - MIC2549A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com