Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2563A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2563A
Description  Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2563A Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2563A Datasheet HTML 1Page - Micrel Semiconductor MIC2563A Datasheet HTML 2Page - Micrel Semiconductor MIC2563A Datasheet HTML 3Page - Micrel Semiconductor MIC2563A Datasheet HTML 4Page - Micrel Semiconductor MIC2563A Datasheet HTML 5Page - Micrel Semiconductor MIC2563A Datasheet HTML 6Page - Micrel Semiconductor MIC2563A Datasheet HTML 7Page - Micrel Semiconductor MIC2563A Datasheet HTML 8Page - Micrel Semiconductor MIC2563A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1997
2-49
MIC2563A
Micrel
2
Electrical Characteristics: (Over operating temperature range with V
CC3 IN = 3.3V, VCC5 IN = 5.0V, VPP IN = 12V, unless
otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INPUTS
VIH
Logic 1 Input Voltage
2.2
7.5
V
VIL
Logic 0 Input Voltage
–0.3
0.8
V
IIN
Input Current
0 V < VIN < 5.5V
±1
µA
VPP OUTPUT
IPP OUT
High Impedance Output
Shutdown Mode
1
10
µA
Hi-Z
Leakage Current
0
≤ V
PP OUT ≤ 12V
IPPSC
Short Circuit Current Limit
VPP OUT = 0
0.2
0.3
A
RO
Switch Resistance
Select VPP OUT = 5V
1.8
2.5
Select VPP OUT = 3.3V
3.3
5
IPP OUT = –100mA (Sourcing)
RO
Switch Resistance,
VPP IN = 12V
0.6
1
Select VPP OUT = 12V
IPP OUT = –100 mA (Sourcing)
RO
Switch Resistance,
Select VPP OUT = clamped to ground
2500
3900
Select VPP OUT = 0V
IPP OUT = 50µA (Sinking)
VPP SWITCHING TIME (See Figure 1)
t1
Output Turn-ON Delay
VPP OUT = Hi-Z to 10% of 3.3V
5
50
µs
t2
(Note 3)
VPP OUT = Hi-Z to 10% of 5V
10
50
t3
VPP OUT = Hi-Z to 10% of 12V
70
250
t4
Output Rise Time
VPP OUT = 10% to 90% of 3.3V
100
200
800
µs
t5
(Note 3)
VPP OUT = 10% to 90% of 5V
100
300
1000
t6
VPP OUT = 10% to 90% of 12V
100
225
800
t7
Output Transition Timing
VPP OUT = 3.3V to 90% of 12V
100
250
1000
µs
t8
(Note 3)
VPP OUT = 5V to 90% of 12V
100
200
800
t9
VPP OUT = 12V to 90% of 3.3V
100
200
800
t10
VPP OUT = 12V to 90% of 5V
100
350
1200
t14
Output Turn-Off Delay Time
VPP OUT = 3.3V to Hi-Z
200
1000
ns
t15
(Notes 3, 5)
VPP OUT = 5V to Hi-Z
200
1000
t16
VPP OUT = 12V to Hi-Z
200
1000
t11
Output Turn-OFF Fall Time
VPP OUT = 90% to 10% of 3.3V
50
1000
ns
t12
(Note 3)
VPP OUT = 90% to 10% of 5V
50
1000
t13
VPP OUT = 90% to 10% of 12V
300
2000


Similar Part No. - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A-0BSM MICREL-MIC2563A-0BSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-0YSM MICREL-MIC2563A-0YSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1BSM MICREL-MIC2563A-1BSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1YSM MICREL-MIC2563A-1YSM Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
More results

Similar Description - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com