Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2547-2BTS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2547-2BTS
Description  Dual Programmable Current Limit Switch Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2547-2BTS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2547-2BTS Datasheet HTML 1Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 2Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 3Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 4Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 5Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 6Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 7Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 8Page - Micrel Semiconductor MIC2547-2BTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 2000
5
MIC2546/2547
MIC2546/2547
Micrel
600
700
800
900
1000
1100
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Current Limit
vs. Temperature
I
TH
I
SET
I
SHORT
V
IN = 5V
R
SET = 230Ω
600
700
800
900
1000
1100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
I
TH
I
SET
I
SHORT
T
A = 27°C
R
L = 230Ω


Similar Part No. - MIC2547-2BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2547-2BTS MICREL-MIC2547-2BTS Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
More results

Similar Description - MIC2547-2BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Dynex Semiconductor
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
   12V, 5A Programmable Current Limit Switch
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
   12V, 5A Programmable Current Limit Switch
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
   Power Switch with Programmable Current Limit
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com