Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2564A Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2564A
Description  Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2564A Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2564A Datasheet HTML 5Page - Micrel Semiconductor MIC2564A Datasheet HTML 6Page - Micrel Semiconductor MIC2564A Datasheet HTML 7Page - Micrel Semiconductor MIC2564A Datasheet HTML 8Page - Micrel Semiconductor MIC2564A Datasheet HTML 9Page - Micrel Semiconductor MIC2564A Datasheet HTML 10Page - Micrel Semiconductor MIC2564A Datasheet HTML 11Page - Micrel Semiconductor MIC2564A Datasheet HTML 12Page - Micrel Semiconductor MIC2564A Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MIC2564A
Micrel
September 1999
9
MIC2564A
Functional Diagram
Gate-Drive
Charge Pump
VCC3 IN
3.3V
MIC2564
GND
Thermal
Shutdown
Current
Limit
A FLAG
SCL
RST#
SDA
VCC5 IN
5V
(optional)
VPP IN
12V
(optional)
A V
PP OUT
B VPP OUT
A VCC OUT
B VCC OUT
SLA
Control
Logic
B FLAG


Similar Part No. - MIC2564A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A-0BSM MICREL-MIC2564A-0BSM Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-0BTS MICREL-MIC2564A-0BTS Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-0YTS MICREL-MIC2564A-0YTS Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-1BSM MICREL-MIC2564A-1BSM Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2564A-1BTS MICREL-MIC2564A-1BTS Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results

Similar Description - MIC2564A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com