Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R3-80PS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN3R3-80PS
Description  N-channel 80 V, 3.3 m standard level MOSFET in TO-220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R3-80PS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN3R3-80PS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R3-80PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in TO-220 package qualified to 175C. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
High efficiency due to low switching
and conduction losses
Suitable for standard level gate drive
1.3 Applications
DC-to-DC converters
Load switch
Motor control
Server power supplies
1.4 Quick reference data
[1]
Continuous current is limited by package.
[2]
Measured 3 mm from package.
PSMN3R3-80PS
N-channel 80 V, 3.3 m
Ω standard level MOSFET in TO-220
Rev. 1 — 27 October 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
80
V
ID
drain current
Tmb =25°C; VGS = 10 V; see Figure 1
[1]
-
-
120
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
-
-
338
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =25 A; Tj =100 °C;
see Figure 12
-4.6
5.4
m
VGS =10V; ID =25 A; Tj =25 °C;
see Figure 13
[2]
-2.8
3.3
m
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =75 A; VDS =40V;
see Figure 14; see Figure 15
-27
-nC
QG(tot)
total gate charge
-
139
-
nC
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25°C; ID = 120 A;
Vsup ≤ 80 V; RGS =50 Ω; unclamped
-
-
676
mJ


Similar Part No. - PSMN3R3-80PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
logo
Inchange Semiconductor ...
PSMN3R3-80PS ISC-PSMN3R3-80PS Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R3-80PS NEXPERIA-PSMN3R3-80PS Datasheet
808Kb / 15P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in TO-220
Rev. 1 - 27 October 2011
More results

Similar Description - PSMN3R3-80PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
logo
Nexperia B.V. All right...
PSMN3R3-80PS NEXPERIA-PSMN3R3-80PS Datasheet
808Kb / 15P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in TO-220
Rev. 1 - 27 October 2011
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN3R5-80PS PHILIPS-PSMN3R5-80PS_15 Datasheet
244Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
Rev. 03-19 April 2011
PSMN8R7-80PS NXP-PSMN8R7-80PS Datasheet
244Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in TO-220
Rev. 01-29 January 2010
logo
Nexperia B.V. All right...
PSMN3R5-80PS NEXPERIA-PSMN3R5-80PS Datasheet
825Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN8R7-80PS NEXPERIA-PSMN8R7-80PS Datasheet
816Kb / 15P
   N-channel 80 V 8.7 mΩ standard level MOSFET in TO-220
Rev. 02 - 1 November 2010
PSMN3R3-80ES NEXPERIA-PSMN3R3-80ES Datasheet
805Kb / 14P
   N-channel 80 V, 3.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
PSMN2R0-60PS NEXPERIA-PSMN2R0-60PS Datasheet
749Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com