Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120P04-04L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQM120P04-04L
Description  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120P04-04L Datasheet(HTML) 1 Page - Vishay Siliconix

  SQM120P04-04L_15 Datasheet HTML 1Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 2Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 3Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 4Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 5Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 6Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 7Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 8Page - Vishay Siliconix SQM120P04-04L_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SQM120P04-04L
www.vishay.com
Vishay Siliconix
S11-2036-Rev. B, 17-Oct-11
1
Document Number: 67047
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• Package with Low Thermal Resistance
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
- 40
RDS(on) () at VGS = - 10 V
0.0040
RDS(on) () at VGS = - 4.5 V
0.0060
ID (A)
- 120
Configuration
Single
S
G
D
P-Channel MOSFET
TO-263
S
D
G
Top View
ORDERING INFORMATION
Package
TO-263
Lead (Pb)-free and Halogen-free
SQM120P04-04L-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
- 120
A
TC = 125 °C
- 120
Continuous Source Current (Diode Conduction)a
IS
- 120
Pulsed Drain Currentb
IDM
- 330
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 80
Single Pulse Avalanche Energy
EAS
320
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
375
W
TC = 125 °C
125
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
0.40


Similar Part No. - SQM120P04-04L_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120P04-04L-GE3 VISHAY-SQM120P04-04L-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQM120P04-04L-GE3 VISHAY-SQM120P04-04L-GE3 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM120P04-04L_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2389ES VISHAY-SQ2389ES Datasheet
277Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 02-Feb-15
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com