Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN013-30YLC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN013-30YLC
Description  N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN013-30YLC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN013-30YLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 10Page - NXP Semiconductors PSMN013-30YLC_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN013-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 24 October 2011
7 of 15
NXP Semiconductors
PSMN013-30YLC
N-channel 30 V 13.6 m
Ω logic level MOSFET in LFPAK using NextPower technology
Qoss
output charge
VGS =0V; VDS =15V; f=1MHz;
Tj =25°C
-3.3
-nC
Source-drain diode
VSD
source-drain voltage
IS =10A; VGS =0V; Tj =25°C;
see Figure 17
-
0.86
1.1
V
trr
reverse recovery time
IS =10A; dIS/dt = -100 A/µs;
VGS =0V; VDS =15V
-16
-ns
Qr
recovered charge
-
6
-
nC
ta
reverse recovery rise time
VGS =0V; IS =10A;
dIS/dt = -100 A/µs; VDS =15V;
see Figure 18
-9.5
-ns
tb
reverse recovery fall time
-
6.5
-
ns
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Output characteristics; drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aag249
0
10
20
30
40
012
34
V
DS(V)
I
D
(A)
V
GS(V) = 3.0
2.6
2.8
3.5
4.5
10
2.4
2.2
003aag250
0
10
20
30
40
04
8
12
16
20
V
GS(V)
R
DSon
(m
Ω)


Similar Part No. - PSMN013-30YLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
More results

Similar Description - PSMN013-30YLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
PSMN013-30MLC NEXPERIA-PSMN013-30MLC Datasheet
299Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN013-30MLC PHILIPS-PSMN013-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN7R0-30YLC NXP-PSMN7R0-30YLC Datasheet
308Kb / 15P
   N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN8R0-30YLC NXP-PSMN8R0-30YLC Datasheet
254Kb / 15P
   N-channel 30 V 7.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC NXP-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_15 Datasheet
275Kb / 14P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
15 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com