Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-6110WG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-6110WG
Description  10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-6110WG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-6110WG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 5Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 6Page - Optoway Technology Inc SPS-6110WG_15 Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Optoway
SPS-6110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/7/1 V1.0
5
EEPROM Series ID Memory Contents (Address A0h)
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
0
03
SFP+
32
20
64
00
96
00
1
04
33
20
65
1A
Uncooled Tx,
Txdis, Txfault,
LOS enable
97
00
2
07
LC
34
20
66
00
Up bit rate
98
00
3
20
10G Base-LR
35
20
67
00
Low bit rate
99
00
4
00
36
00
NA
68
100 00
5
00
37
00
69
101 00
6
00
38
0E
70
102 00
7
10
Long Distance (L) 39
FA
Vendor IEEE
OUI
71
103 00
8
10
Longwave Laser
(LL)
40
53
S
72
104 00
9
01
Single Mode
(SM)
41
50
P
73
105 00
10
F0
1600/1200/
800/400
Mbytes/sec
42
53
S
74
106 00
11
06
64B/66B
43
2D
-
75
107 00
12
8C
14.025Gbps
44
36
6
76
108 00
13
00
45
31
1
77
109 00
14
0A
10km
46
31
1
78
110 00
15
64
10km
47
30
0
79
111 00
16
00
48
57
W
80
112 00
17
00
49
47
G
81
113 00
18
00
50
20
82
114 00
19
00
51
20
83
Serial number:
each piece with
different serial
number
115 00
20
4F
O
52
20
84
116 00
21
50
P
53
20
85
117 00
22
54
T
54
20
86
118 00
23
4F
O
55
20
Part Number
87
119 00
24
57
W
56
30
0
88
120 00
25
41
A
57
30
0
89
121 00
26
59
Y
58
30
0
90
122 00
27
20
59
31
1
Revision,
depended on
version
91
Date Code
123 00
28
20
60
05
92
68
Monitoring
124 00
29
20
61
1E
1310 nm
93
F0
Soft Control
and Monitoring
125 00
30
20
62
00
Reserved
94
05
SFF-8472V11.0 126 00
31
20
Vendor name
63
Checksum 0-62 95
Checksum 64-94
127 00
Vendor
specific
EEPROM


Similar Part No. - SPS-6110WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-6110WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4381W_2015 OPTOWAY-SPS-4381W_2015 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W OPTOWAY-SPS-2381W_15 Datasheet
203Kb / 7P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W OPTOWAY-SPS-4371W_15 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W_2015 OPTOWAY-SPS-4341W_2015 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W_2015 OPTOWAY-SPS-4345W_2015 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W_2015 OPTOWAY-SPS-4371W_2015 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W OPTOWAY-SPS-4381W_15 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com