Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJC7401 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJC7401
Description  30V P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJC7401 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJC7401 Datasheet HTML 1Page - Pan Jit International Inc. PJC7401 Datasheet HTML 2Page - Pan Jit International Inc. PJC7401 Datasheet HTML 3Page - Pan Jit International Inc. PJC7401 Datasheet HTML 4Page - Pan Jit International Inc. PJC7401 Datasheet HTML 5Page - Pan Jit International Inc. PJC7401 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJC7401
March 10,2014-REV.00
Page 1
30V P-Channel Enhancement Mode MOSFET
Voltage
-30 V
Current
-1.5A
SOT-323
Unit : inch(mm)
Features
RDS(ON) , VGS@-10V, ID@-1.5A<115mΩ
RDS(ON) , VGS@-4.5V, ID@-1.1A<130mΩ
RDS(ON) , VGS@-2.5V, ID@-0.6A<180mΩ
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-323 Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.00018 ounces, 0.005 grams
Marking: C01
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
-1.5
A
Pulsed Drain Current
IDM
-6
A
Power Dissipation
Ta=25
oC
PD
350
mW
Derate above 25
oC
2.8
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
357
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJC7401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJC7400 PANJIT-PJC7400 Datasheet
268Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
   30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7403 PANJIT-PJC7403_15 Datasheet
403Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7404 PANJIT-PJC7404 Datasheet
358Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJC7401

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com