Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC284-0BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC284-0BMM
Description  Two-Zone Thermal Supervisor Advance Information
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284-0BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC284-0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 11Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 12Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 13Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 14Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
September 29, 2000
11
MIC284
MIC284
Micrel
e
r
u
t
a
r
e
p
m
e
Ty
r
a
n
i
Bx
e
H
C
°
5
2
1
+1
0
1
1
1
1
1
0
b
D
7
h
C
°
5
2
+1
0
0
1
1
0
0
0
b
9
1
h
C
°
0
.
1
+1
0
0
0
0
0
0
0
b
1
0
h
C
°
00
0
0
0
0
0
0
0
b
0
0
h
C
°
0
.
1
1
1
1
1
1
1
1
1
b
F
F
h
C
°
5
2
1
1
1
0
0
1
1
1
b
7
E
h
C
°
0
4
0
0
0
1
1
0
1
1
b
8
D
h
C
°
5
5
1
0
0
1
0
0
1
1
b
9
C
h
Table 3. Digital Temperature Format
Temperature Data Format
The LSB of each register represents one degree Centigrade.
The values are in a two’s complement format, wherein the
most significant bit (D7), represents the sign: zero for positive
temperatures and one for negative temperatures. Table 3
shows examples of the data format used by the MIC284 for
temperatures.
A/D Converter Timing
Whenever the MIC284 is not in its low power shutdown mode,
the internal A/D converter (ADC) attempts to make continu-
ous conversions unless interrupted by a bus transaction
accessing the MIC284. When the part is accessed, the
conversion in progress will be halted, and the partial result
discarded. When the access to the MIC284 is complete, the
ADC will begin a new conversion cycle with results for the
remote zone valid t
CONV1 after that, and for the local zone
t
CONV0 later. Figure 4 shows this behavior. The conversion
time is twice as long for external conversions as it is for
internal conversions. This allows the use of a filter capacitor
on T1 without a loss of accuracy due to the resulting longer
settling times.
Upon powering-up, coming out of shutdown mode, or resum-
ing operation following a serial bus transaction, the ADC will
begin acquiring temperature data starting with the external
zone (zone 1), followed by the internal zone (zone 0). If the
ADC is interrupted by a serial bus transaction, it will restart the
conversion that was interrupted and then continue in the
normal sequence. This sequence will repeat indefinitely until
the MIC284 is shut down, powered off, or is interrupted by a
serial bus transaction as described above.
Power-On
When power is initially applied, the MIC284’s internal regis-
ters are set to their default states, and A0 is read to establish
the device’s slave address. The MIC284’s power-up default
state can be summarized as follows:
• Normal Mode operation (i.e., part is not in shut-
down)
• /INT function is set to Comparator Mode
• Fault Queue depth = 1 (FQ=00)
• Interrupts are enabled (IM = 0)
• T_SET0 = 81
°C; T_HYST0 = 76°C
• T_SET1 = 97
°C; T_HYST1 = 92°C
• CRIT1 = 97
°C; nCRIT1 = 92°C
• Initialized to recognize overtemperature faults
Comparator and Interrupt Modes
Depending on the setting of the MODE bit in the configuration
register, the /INT output will behave either as an interrupt
request signal or a thermostatic control signal. Thermostatic
operation is known as
comparator mode. The /INT output is
asserted when the measured temperature, as reported in
either of the TEMPx registers, exceeds the threshold pro-
grammed into the corresponding T_SETx register for the
number of conversions specified by Fault_Queue (described
below). In comparator mode, /INT will remain asserted and
the status bits will remain high unless and until the measured
temperature falls below the value in the T_HYSTx register for
Fault_Queue conversions. No action on the part of the host
is required for operation in comparator mode. Note that
entering shutdown mode will not affect the state of /INT when
the device is in comparator mode.
In
interrupt mode, once a temperature event has caused a
status bit (Sx) to be set, and the /INT output to be asserted,
they will not be automatically de-asserted when the mea-
sured temperature falls below T_HYSTx. They can only be
de-asserted by reading any of the MIC284’s internal registers
or by putting the device into shutdown mode. If the most
recent temperature event was an overtemperature condition,
Sx will not be set again, and /INT cannot be reasserted, until
the device has detected that TEMPx < T_HYSTx. Similarly,
if the most recent temperature event was an undertemperature
condition, Sx will not be set again, and /INT cannot be
reasserted, until the device has detected that TEMPx >
T_SETx. This keeps the internal logic of the MIC284 back-
ward compatible with that of the LM75 and similar devices. In
both modes, the MIC284 will be responsive to over-tempera-
ture events at power-up. See "Interrupt Generation", below.
Shutdown Mode
Setting the SHDN bit in the configuration register halts the
otherwise continuous conversions by the A/D converter. The
MIC284’s power consumption drops to 1
µA typical in shut-
down mode. All registers may be read from or written to while
in shutdown mode. Serial bus activity will slightly increase the
part’s power consumption.
Entering shutdown mode will not affect the state of /INT when
the device is in comparator mode (MODE = 0). It will retain
its state until after the device exits shutdown mode and
resumes A/D conversions.


Similar Part No. - MIC284-0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
More results

Similar Description - MIC284-0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
   Local/Remote Thermal Supervisor Advance Information
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com