Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29311-5.1BT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29311-5.1BT
Description  3A Fast-Response LDO Regulator for USB Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29311-5.1BT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29311-5.1BT Datasheet HTML 1Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 2Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 3Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 4Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 5Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 6Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 7Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 8Page - Micrel Semiconductor MIC29311-5.1BT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
December 1998
3
MIC29311
MIC29311
Micrel
Electrical Characteristics
T
A = 25°C, bold values indicate 0°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Tolerange
10mA
≤ I
OUT < 3A, (VOUT + 1V) ≤ VIN ≤ 8V
–3
+3
%
Line Regulation
I
OUT = 10mA, (VOUT + 1V) ≤ VIN ≤ 8V
0.06
0.5
%
Load Regulation
V
IN = VOUT + 1V, 10mA ≤ IOUT 3A
0.2
1
%
Output Voltage Temperature
Note 5
20
100
ppm/
°C
Coefficient
Dropout Voltage, Note 6
I
OUT = 100mA
80
200
mV
I
OUT = 750mA
220
mV
I
OUT = 1.5A
330
mV
I
OUT = 3A
600
1000
mV
Ground Current, Note 7
V
IN = 6.1V, IOUT = 750mA
5
20
mA
V
IN = 6.1V, IOUT = 1.5A
15
mA
V
IN = 6.1V, IOUT = 3A
60
150
mA
Dropout Ground Current
V
IN = 4.6V, IOUT = 10mA
2
3
mA
Current Limit
V
IN = 3V, VOUT = 0V
3.0
3.8
A
Minimum Load Current
710
mA
Output Noise Voltage
C
LOAD = 10µF
400
µV(rms)
C
LOAD = 33µF
260
µV(rms)
Error Flag Output
Output Leakage Current
V
IN = 6.1V, VERR = 8V
0.1
1
µA
2
µA
Output Low Voltage
V
IN = 4.1V, IERR = 250µA
220
300
mV
400
mV
Absolute Maximum Ratings (Note 1)
Input Voltage (V
IN) ........................................ –20V to +12V
Enable Voltage (V
EN) .................................... –20V to +12V
Error Output Voltage (V
ERR) ............................. 0V to +12V
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ........................................................ +8V
Maximum Power Dissipation (P
D(max)) ..................... Note 4
Junction Temperature (T
J) ........................... 0°C to +125°C
Package Thermal Resistance
TO-220-5
JA) .................................................... 55°C/W
TO-220-5
JC) ...................................................... 2°C/W
TO-263-5
JC) ...................................................... 2°C/W


Similar Part No. - MIC29311-5.1BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29311-5.1BT MICREL-MIC29311-5.1BT Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
More results

Similar Description - MIC29311-5.1BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com