Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29310-5.0BU Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC29310-5.0BU
Description  3A Fast-Response LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310-5.0BU Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC29310-5.0BU Datasheet HTML 4Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 5Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 6Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 7Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 8Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 9Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 10Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 11Page - Micrel Semiconductor MIC29310-5.0BU Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 1999
9
MIC29310/29312
MIC29310/29312
Micrel
Package Information
0.018
±0.008
(0.46
±0.020)
0.100
±0.005
(2.54
±0.13)
0.030
±0.003
(0.76
±0.08)
0.050
±0.003
(1.27
±.08)
7
°
1.140
±0.010
(28.96
±0.25)
0.356
±0.005
(9.04
±0.13)
0.590
±0.005
(14.99
±0.13)
0.108
±0.005
(2.74
±0.13)
0.050
±0.005
(1.27
±0.13)
0.151 D
±0.005
(3.84 D
±0.13)
0.410
±0.010
(10.41
±0.25)
0.176
±0.005
(4.47
±0.13)
0.100
±0.020
(2.54
±0.51)
0.818
±0.005
(20.78
±0.13)
7
°
3
°
DIMENSIONS: INCH
(MM)
TO-220-3 (T)
0.018
±0.008
(0.46
±0.20)
0.268 REF
(6.81 REF)
0.032
±0.005
(0.81
±0.13)
0.550
±0.010
(13.97
±0.25)
7
°
Typ.
SEATING
PLANE
0.578
±0.018
(14.68
±0.46)
0.108
±0.005
(2.74
±0.13)
0.050
±0.005
(1.27
±0.13)
0.150 D
±0.005
(3.81 D
±0.13)
0.400
±0.015
(10.16
±0.38)
0.177
±0.008
(4.50
±0.20)
0.103
±0.013
(2.62
±0.33)
0.241
±0.017
(6.12
±0.43)
0.067
±0.005
(1.70
±0.127)
inch
(mm)
Dimensions:
TO-220-5 (T)


Similar Part No. - MIC29310-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310-5.0BU MICREL-MIC29310-5.0BU Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
More results

Similar Description - MIC29310-5.0BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
   3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com