Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2950-05BZ Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2950-05BZ
Description  150mA Low-Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2950-05BZ Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2950-05BZ Datasheet HTML 6Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 7Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 8Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 9Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 10Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 11Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 12Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 13Page - Micrel Semiconductor MIC2950-05BZ Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MIC2950/2951
Micrel
3
February 1999
3-59
MIC2951
IN
OUT
GND
FB
ERROR
5
3
4
1
8
SD
V
V
ERROR
OUTPUT
SHUTDOWN
INPUT
IN
+V
100k
OUT
V
1.2
30V
1
R 100
pF
3.3µF
2
R
1.23V
REF
V
7
OUT
V
REF
= V
x (1 +
)
1
R
2
R
OFF
ON
Noise can be reduced fourfold by a bypass capacitor across
R
1, since it reduces the high frequency gain from 4 to unity.
Pick:
870 23
or about 0.01
µF. When doing this, the output capacitor must
be increased to 3.3
µF to maintain stability. These changes
reduce the output noise from 430
µV to 100 µV rms for a 100
kHz bandwidth at 5V output.
With the bypass capacitor
added, noise no longer scales with output voltage so that
improvements are more dramatic at higher output voltages.
MIC2951
SD
V
ERROR
GND
4
7
8
OUT
+V IN
FB
1
5
3
ERROR
OUTPUT
SHUTDOWN
INPUT
47k
*SLEEP
INPUT
100pF
2N3906
200k
1%
100k
C-MOS
GATE
+V IN
1%
100k
+
3.3
µF
+V OUT
470 k
OFF
ON
*HIGH INPUT LOWERS V
OUT TO 2.5V
Typical Applications
870 25
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV TO 400mV,
DEPENDING ON LOAD CURRENT.
MIC2951
OUT
FB
SD
ERROR
5
1
3
7
GND
4
+VIN
8
+VIN
*V
≈VIN
OUT
V
ERROR
OUTPUT
SHUTDOWN
INPUT
OFF
ON
Wide Input Voltage Range Current Limiter
5V Regulator with 2.5V Sleep Function
Figure 1. ERROR Output Timing
Figure 2. Adjustable Regulator
NOTE: PINS 2 AND 6 ARE LEFT OPEN
*SEE APPLICATIONS
INFORMATION
* SEE APPLICATIONS INFORMATION
CBYPASS
1
2R1 • 200 Hz
π
*
OUTPUT
VOLTAGE
INPUT
VOLTAGE
ERROR
NOT
VALID
NOT
VALID
5V
1.3V
4.75V
*


Similar Part No. - MIC2950-05BZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2950-05BZ MICREL-MIC2950-05BZ Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950-05BZ MICREL-MIC2950-05BZ Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC2950-05BZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com