Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQS405EN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQS405EN
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS405EN Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQS405EN_15 Datasheet HTML 3Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 9Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 10Page - Vishay Siliconix SQS405EN_15 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 25-Aug-15
1
Document Number: 66697
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212-8 and PowerPAK 1212-8W
Ordering codes for the SQ rugged series power MOSFETs in the PowerPAK 1212-8 and PowerPAK 1212-8W packages:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQ7414AEN
SQ7414AEN-T1-GE3
SQ7414AEN-T1_GE3
SQ7414AENW
-
SQ7414AENW-T1_GE3
SQ7415AEN
SQ7415AEN-T1-GE3
SQ7415AEN-T1_GE3
SQ7415AENW
-
SQ7415AENW-T1_GE3
SQS401EN
SQS401EN-T1-GE3
SQS401EN-T1_GE3
SQS401ENW
-
SQS401ENW-T1_GE3
SQS405EN
SQS405EN-T1-GE3
SQS405EN-T1_GE3
SQS405ENW
-
SQS405ENW-T1_GE3
SQS420EN
SQS420EN-T1-GE3
SQS420EN-T1_GE3
SQS423EN
SQS423EN-T1-GE3
SQS423EN-T1_GE3
SQS460EN
SQS460EN-T1-GE3
SQS460EN-T1_GE3
SQS462EN
SQS462EN-T1-GE3
SQS462EN-T1_GE3
SQS482EN
SQS482EN-T1-GE3
SQS482EN-T1_GE3
SQS484EN
SQS484EN-T1-GE3
SQS484EN-T1_GE3
SQS490EN
SQS490EN-T1-GE3
SQS490EN-T1_GE3
SQS840EN
SQS840EN-T1-GE3
SQS840EN-T1_GE3
SQS850EN
SQS850EN-T1-GE3
SQS850EN-T1_GE3


Similar Part No. - SQS405EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405EN-T1-GE3 VISHAY-SQS405EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405EN-T1_GE3 VISHAY-SQS405EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405ENW VISHAY-SQS405ENW Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 째C MOSFET
SQS405ENW VISHAY-SQS405ENW Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS405ENW VISHAY-SQS405ENW Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
More results

Similar Description - SQS405EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com