Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQS420EN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQS420EN
Description  Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS420EN Datasheet(HTML) 5 Page - Vishay Siliconix

  SQS420EN_15 Datasheet HTML 1Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 2Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 3Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SQS420EN
www.vishay.com
Vishay Siliconix
S11-2129 Rev. B, 31-Oct-11
5
Document Number: 67067
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
1 s,10 s,DC
I
D Limited
100 μs
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 81 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05


Similar Part No. - SQS420EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN-T1-GE3 VISHAY-SQS420EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS420EN-T1-GE3 VISHAY-SQS420EN-T1-GE3 Datasheet
1Mb / 13P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS420EN-T1_GE3 VISHAY-SQS420EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS420EN VISHAY-SQS420EN_V01 Datasheet
1Mb / 13P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQS420EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV Datasheet
210Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3460EV VISHAY-SQ3460EV_15 Datasheet
209Kb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com