Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQS420EN Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SQS420EN
Description  Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS420EN Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SQS420EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 9Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 10Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 11Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 12Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 13Page - Vishay Siliconix SQS420EN_15 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.vishay.com
2
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
PowerPAK 1212 DUAL
To take the advantage of the dual PowerPAK 1212-8’s
thermal performance, the minimum recommended
land pattern can be found in Application Note 826,
Recommended Minimum Pad Patterns With Outline
Drawing Access for Vishay Siliconix MOSFETs. Click
on the PowerPAK 1212-8 dual in the index of this doc-
ument.
The gap between the two drain pads is 10 mils. This
matches the spacing of the two drain pads on the Pow-
erPAK 1212-8 dual package.
This land pattern can be extended to the left, right, and
top of the drawn pattern. This extension will serve to
increase the heat dissipation by decreasing the ther-
mal resistance from the foot of the PowerPAK to the
PC board and therefore to the ambient. Note that
increasing the drain land area beyond a certain point
will yield little decrease in foot-to-board and foot-to-
ambient thermal resistance. Under specific conditions
of board configuration, copper weight, and layer stack,
experiments have found that adding copper beyond an
area of about 0.3 to 0.5 in2 of will yield little improve-
ment in thermal performance.
REFLOW SOLDERING
Vishay Siliconix surface-mount packages meet solder
reflow reliability requirements. Devices are subjected
to solder reflow as a preconditioning test and are then
reliability-tested using temperature cycle, bias humid-
ity, HAST, or pressure pot. The solder reflow tempera-
ture profile used, and the temperatures and time
duration, are shown in Figures 2 and 3. For the lead
(Pb)-free solder profile, see http://www.vishay.com/
doc?73257.
Ramp-Up Rate
+ 6
°C /Second Maximum
Temperature at 155 ± 15
°C
120 Seconds Maximum
Temperature Above 180
°C
70 - 180 Seconds
Maximum Temperature
240 + 5/- 0
°C
Time at Maximum Temperature
20 - 40 Seconds
Ramp-Down Rate
+ 6
°C/Second Maximum
Figure 2. Solder Reflow Temperature Profile
Figure 3. Solder Reflow Temperatures and Time Durations
210 - 220 °C
3 ° C/s (max)
4 ° C/s (max)
10 s (max)
183 °C
50 s (max)
Reflow Zone
60 s (min)
Pre-Heating Zone
3° C/s (max)
140 - 170 °C
Maximum peak temperature at 240 °C is allowed.


Similar Part No. - SQS420EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN-T1-GE3 VISHAY-SQS420EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS420EN-T1-GE3 VISHAY-SQS420EN-T1-GE3 Datasheet
1Mb / 13P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS420EN-T1_GE3 VISHAY-SQS420EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS420EN VISHAY-SQS420EN_V01 Datasheet
1Mb / 13P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQS420EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV Datasheet
210Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3460EV VISHAY-SQ3460EV_15 Datasheet
209Kb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com