Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230HV Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM7230HV
Description  Input voltage range up to 60V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230HV Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM7230HV Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230HV Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
GM7230HV
150KHz, 60V/3A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Electrical Characteristics: GM7230HV-ADJ
(Specifications with standard type face are for T = 25°C, and those with bold face type apply over full Operating
Temperature rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Output Voltage
8V
 V
IN  60V, 0.2A  ILOAD  3A,
VOUT = 5V
VOUT
1.193
1.230
1.267
V
1.180
1.280
Efficiency
VIN =12V, ILOAD=3.0A, VOUT = 5V
η
79
%
Electrical Characteristics: GM7230HV-3.3
(Specifications with standard type face are for T = 25°C, and those with bold face type apply over full Operating
Temperature rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Output Voltage
5.5V
 V
IN  60V, 0.2A  ILOAD  3A
VOUT
3.168
3.300
3.432
V
3.135
3.465
Efficiency
VIN =12V, ILOAD=3.0A
η
77
%
Electrical Characteristics: GM7230HV-5.0
(Specifications with standard type face are for T = 25°C, and those with bold face type apply over full Operating
Temperature rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Output Voltage
8V
 V
IN  60V, 0.2A  ILOAD  3A
VOUT
4.800
5.000
5.200
V
4.7500
5.250
Efficiency
VIN =12V, ILOAD=3.0A
η
79
%
Electrical Characteristics: GM7230HV-12
(Specifications with standard type face are for T = 25°C, and those with bold face type apply over full Operating
Temperature rage)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Output Voltage
15V
 V
IN  60V, 0.5A  ILOAD  3A
VOUT
11.52
12.00
12.48
V
11.40
12.60
Efficiency
VIN =15V, ILOAD=3.0A
η
83
%


Similar Part No. - GM7230HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
2Mb / 1P
   PWM Switching Regulators
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
GM7230 GAMMA-GM7230 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-12A5R GAMMA-GM7230-12A5R Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7230HV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
   4.5V to 60V Input Voltage Range
Rev 1; 12/16
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
List of Unclassifed Man...
8600 ETC2-8600 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com