Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQS482EN Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQS482EN
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS482EN Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQS482EN_15 Datasheet HTML 4Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 5Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 6Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 7Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 8Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 9Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 10Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 11Page - Vishay Siliconix SQS482EN_15 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 26-Jan-15
1
Document Number: 71656
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212, (Single/Dual)
DIM.
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.79
1.12
0.031
0.044
A1
0
0.05
0
0.002
b
0.23
0.41
0.009
0.016
c
0.13
0.33
0.005
0.013
D
3.00
3.61
0.118
0.142
D1
2.95
3.21
0.116
0.126
D2
1.98
2.70
0.078
0.106
D4
0.31 TYP.
0.012 TYP.
E
3.00
3.61
0.118
0.142
E1
2.95
3.21
0.116
0.126
E2
1.47
2.21
0.058
0.087
E3
1.75
1.98
0.069
0.078
E4
0.535 TYP.
0.021 TYP.
e
0.65 BSC
0.026 BSC
K
0.61
0.024
K1
0.35
0.014
H
0.15
0.51
0.006
0.020
L
0.15
0.56
0.006
0.022
L1
0.051
0.204
0.002
0.008
θ
12°
12°
W
0.15
0.36
0.006
0.014
M
0.125 TYP.
0.005 TYP.
ECN: C15-0077-Rev. K, 26-Jan-15
DWG: 5882
3. Dimensions exclusive of mold flash and cutting burrs
1.
Notes:
2
Inch will govern
Dimensions exclusive of mold gate burrs
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D1
D2
E1
45
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
HK
E4
E2
L
E3
L1
2
2
E
H


Similar Part No. - SQS482EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS482EN-T1-GE3 VISHAY-SQS482EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS482EN-T1-GE3 VISHAY-SQS482EN-T1-GE3 Datasheet
561Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS482EN-T1_GE3 VISHAY-SQS482EN-T1_GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
SQS482ENW VISHAY-SQS482ENW Datasheet
232Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
SQS482ENW VISHAY-SQS482ENW Datasheet
232Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQS482EN_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com