Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F002B-70 Datasheet(PDF) 11 Page - Macronix International

Part # 29F002B-70
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F002B-70 Datasheet(HTML) 11 Page - Macronix International

Back Button 29F002B-70 Datasheet HTML 7Page - Macronix International 29F002B-70 Datasheet HTML 8Page - Macronix International 29F002B-70 Datasheet HTML 9Page - Macronix International 29F002B-70 Datasheet HTML 10Page - Macronix International 29F002B-70 Datasheet HTML 11Page - Macronix International 29F002B-70 Datasheet HTML 12Page - Macronix International 29F002B-70 Datasheet HTML 13Page - Macronix International 29F002B-70 Datasheet HTML 14Page - Macronix International 29F002B-70 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
REV. 1.5, MAR. 28, 2005
P/N: PM0547
MX29F002/002N T/B
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates
whether a particular sector is actively erasing (that is, the
Automatic Erase algorithm is in process), or whether that
sector is erase-suspended. Toggle Bit I is valid after the
rising edge of the final WE pulse in the command sequence.
Q2 toggles when the system reads at addresses within
those sectors that have been selected for erasure. (The
system may use either OE or CE to control the read
cycles.) But Q2 cannot distinguish whether the sector is
actively erasing or is erase-suspended. Q6, by comparison,
indicates whether the device is actively erasing, or is in
Erase Suspend, but cannot distinguish which sectors are
selected for erasure. Thus, both status bits are required for
sectors and mode information. Refer to Table 4 to compare
outputs for Q2 and Q6.
Reading Toggle Bits Q6/ Q2
Refer to the toggle bit algorithm for the following discussion.
Whenever the system initially begins reading toggle bit
status, it must read Q7-Q0 at least twice in a row to
determine whether a toggle bit is toggling. Typically, the
system would note and store the value of the toggle bit after
the first read. After the second read, the system would
compare the new value of the toggle bit with the first. If the
toggle bit is not toggling, the device has completed the
program or erase operation. The system can read array
data on Q7-Q0 on the following read cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the system
also should note whether the value of Q5 is high (see the
section on Q5). If it is, the system should then determine
again whether the toggle bit is toggling, since the toggle bit
may have stopped toggling just as Q5 went high. If the
toggle bit is no longer toggling, the device has successfully
completed the program or erase operation. If it is still
toggling, the device did not complete the operation
successfully, and the system must write the reset command
to return to reading array data.
The remaining scenario is that system initially determines
that the toggle bit is toggling and Q5 has not gone high. The
system may continue to monitor the toggle bit and Q5
through successive read cycles, determining the status as
described in the previous paragraph. Alternatively, it may
choose to perform other system tasks. In this case, the
Q5
Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded
the specified limits(internal pulse count). Under these
conditions Q5 will produce a "1". This time-out condition
which indicates that the program or erase cycle was not
successfully completed. Data Polling and Toggle Bit are
the only operating functions of the device under this
condition.
If this time-out condition occurs during sector erase
operation, it specifies that a particular sector is bad and it
may not be reused. However, other sectors are still
functional and may be used for the program or erase
operation. The device must be reset to use other sectors.
Write the Reset command sequence to the device, and
then execute program or erase command sequence. This
allows the system to continue to use the other active
sectors in the device.
If this time-out condition occurs during the chip erase
operation, it specifies that the entire chip is bad or
combination of sectors are bad.
If this time-out condition occurs during the byte programming
operation, it specifies that the entire sector containing that
byte is bad and this sector maynot be reused, (other
sectors are still functional and can be reused).
The Q5 time-out condition may also appear if a user tries
to program a non blank location without erasing. In this
case the device locks out and never completes the
Automatic Algorithm operation. Hence, the system never
reads a valid data on Q7 bit and Q6 never stops toggling.
Once the Device has exceeded timing limits, the Q5 bit will
indicate a "1". Please note that this is not a device failure
condition since the device was incorrectly used.
system must start at the beginning of the algorithm when
it returns to determine the status of the operation (top of the
toggle bit algorithm flow chart).


Similar Part No. - 29F002B-70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F002 STMICROELECTRONICS-29F002 Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F002 AMD-29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Fujitsu Component Limit...
29F002 FUJITSU-29F002 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - 29F002B-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com