Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC384 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC384
Description  Three-Zone Thermal Supervisor Advance Information
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC384 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC384 Datasheet HTML 1Page - Micrel Semiconductor MIC384 Datasheet HTML 2Page - Micrel Semiconductor MIC384 Datasheet HTML 3Page - Micrel Semiconductor MIC384 Datasheet HTML 4Page - Micrel Semiconductor MIC384 Datasheet HTML 5Page - Micrel Semiconductor MIC384 Datasheet HTML 6Page - Micrel Semiconductor MIC384 Datasheet HTML 7Page - Micrel Semiconductor MIC384 Datasheet HTML 8Page - Micrel Semiconductor MIC384 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MIC384
Micrel
MIC384
4
September 2000
Symbol
Parameter
Condition
Min
Typ
Max
Units
Serial Data I/O Pin (DATA)
V
OL
Low Output Voltage
I
OL = 3mA
0.4
V
Note 6
I
OL = 6mA
0.8
V
V
IL
Low Input Voltage
2.7V
≤ V
DD ≤ 5.5V
0.3V
DD
V
V
IH
High Input Voltage
2.7V
≤ V
DD ≤ 5.5V
0.7V
DD
V
C
IN
Input Capacitance
10
pF
I
LEAK
Input current
±0.01
±1
µA
Serial Clock Input (CLK)
V
IL
Low Input Voltage
2.7V
≤ V
DD ≤ 5.5V
0.3V
DD
V
V
IH
High Input Voltage
2.7V
≤ V
DD ≤ 5.5V
0.7V
DD
V
C
IN
Input Capacitance
10
pF
I
LEAK
Input current
±0.01
±1
µA
Status Output (/INT)
V
OL
Low Output Voltage,
I
OL = 3mA
0.4
V
Note 6
I
OL = 6mA
0.8
V
t
INT
Interrupt Propagation Delay,
from TEMPx > T_SETx or TEMPx < T_HYSTx
t
CONV+1
µs
Note 7, 8
to /INT < V
OL, FQ = 00, RPULLUP = 10kΩ
t
nINT
Interrupt Reset Propagation Delay,
from any register read to /INT > V
OH,
1
µs
Note 7
R
PULLUP = 10kΩ
T_SET0
Default T_SET0 Value
t
POR after VDD > VPOR
81
81
81
°C
T_HYST0
Default T_HYST0 Value
t
POR after VDD > VPOR
76
76
76
°C
T_SET1
Default T_SET1 Value
t
POR after VDD > VPOR
97
97
97
°C
T_HYST1
Default T_HYST1 Value
t
POR after VDD > VPOR
92
92
92
°C
T_SET2
Default T_SET2 Value
t
POR after VDD > VPOR
97
97
97
°C
T_HYST2
Default T_HYST2 Value
t
POR after VDD > VPOR
92
92
92
°C
Serial Interface Timing (Note 7)
t
1
CLK (Clock) Period
2.5
µs
t
2
Data In Setup Time to CLK High
100
ns
t
3
Data Out Stable After CLK Low
0
ns
t
4
DATA Low Setup Time to CLK Low
start condition
100
ns
t
5
DATA High Hold Time
stop condition
100
ns
After CLK High
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Human body model: 1.5k in series with 100pF. Machine model: 200pF, no series resistance.
Note 4.
Final test on outgoing product is performed at T
A = TBD°C.
Note 5.
T
D is the temperature of the remote diode junction. Testing is performed using a single unit of one of the transistors listed in Table 6.
Note 6.
Current into this pin will result in self-heating of the MIC384. Sink current should be minimized for best accuracy.
Note 7.
Guaranteed by design over the operating temperature range. Not 100% production tested.
Note 8.
t
CONV = tCONV0 +(2 X tCONV1). tCONV0 is the conversion time for the local zone; tCONV1 is the conversion time for the remote zones.`


Similar Part No. - MIC384

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC384-0BM MICREL-MIC384-0BM Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384-0BMM MICREL-MIC384-0BMM Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384-0YM MICREL-MIC384-0YM Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384-0YMM MICREL-MIC384-0YMM Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384-1BM MICREL-MIC384-1BM Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
More results

Similar Description - MIC384

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
   Local/Remote Thermal Supervisor Advance Information
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com