Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJE8405 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJE8405
Description  30V P-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE8405 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJE8405 Datasheet HTML 1Page - Pan Jit International Inc. PJE8405 Datasheet HTML 2Page - Pan Jit International Inc. PJE8405 Datasheet HTML 3Page - Pan Jit International Inc. PJE8405 Datasheet HTML 4Page - Pan Jit International Inc. PJE8405 Datasheet HTML 5Page - Pan Jit International Inc. PJE8405 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PPJE8405
January 22,2015-REV.01
Page 3
TYPICAL CHARACTERISTIC CURVES
Fig.1 On-Region Characteristics
Fig.2 Transfer Characteristics
Fig.3 On-Resistance vs. Drain Current
Fig.4 On-Resistance vs. Junction temperature
Fig.5 On-Resistance Variation with VGS.
Fig.6 Body Diode Characteristics


Similar Part No. - PJE8405

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8400 PANJIT-PJE8400 Datasheet
251Kb / 6P
   20V N-Channel Enhancement Mode MOSFET
PJE8401 PANJIT-PJE8401 Datasheet
259Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJE8405

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3433 PANJIT-PJA3433 Datasheet
293Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3407E PANJIT-PJA3407E Datasheet
528Kb / 6P
   30V P-Channel Enhancement Mode MOSFET– ESD Protected
November 1,2021 PJA3407E-REV.00
PJX8805 PANJIT-PJX8805 Datasheet
326Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3409E PANJIT-PJA3409E Datasheet
513Kb / 6P
   30V P-Channel Enhancement Mode MOSFET– ESD Protected
September 14,2021 PJA3409E-REV.00
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
   30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
   30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com