Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJE8412 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJE8412
Description  30V N-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE8412 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJE8412 Datasheet HTML 1Page - Pan Jit International Inc. PJE8412 Datasheet HTML 2Page - Pan Jit International Inc. PJE8412 Datasheet HTML 3Page - Pan Jit International Inc. PJE8412 Datasheet HTML 4Page - Pan Jit International Inc. PJE8412 Datasheet HTML 5Page - Pan Jit International Inc. PJE8412 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PPJE8412
September 30,2015-REV.00
Page 6
Disclaimer
● Reproducing and modifying information of the document is prohibited without permission from Panjit
International Inc..
● Panjit International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
● Panjit International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
● Panjit International Inc. does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
● Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Panjit International Inc. makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
● The products shown herein are not designed and authorized for equipments requiring high level of reliability or
relating to human life and for any applications concerning life-saving or life-sustaining, such as medical
instruments, transportation equipment, aerospace machinery et cetera. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Panjit International
Inc. for any damages resulting from such improper use or sale.
● Since Panjit uses lot number as the tracking base, please provide the lot number for tracking when
complaining.


Similar Part No. - PJE8412

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8400 PANJIT-PJE8400 Datasheet
251Kb / 6P
   20V N-Channel Enhancement Mode MOSFET
PJE8401 PANJIT-PJE8401 Datasheet
259Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJE8412

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
   30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
   30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8812 PANJIT-PJX8812 Datasheet
331Kb / 6P
   30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
   30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJT7812 PANJIT-PJT7812 Datasheet
332Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJ2306 PANJIT-PJ2306 Datasheet
209Kb / 5P
   30V N-Channel Enhancement Mode MOSFET - ESD Protected
PJA3432 PANJIT-PJA3432 Datasheet
299Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com