Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJE8439 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJE8439
Description  60V P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE8439 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJE8439 Datasheet HTML 1Page - Pan Jit International Inc. PJE8439 Datasheet HTML 2Page - Pan Jit International Inc. PJE8439 Datasheet HTML 3Page - Pan Jit International Inc. PJE8439 Datasheet HTML 4Page - Pan Jit International Inc. PJE8439 Datasheet HTML 5Page - Pan Jit International Inc. PJE8439 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PPJE8439
July 22,2015-REV.00
Page 6
Disclaimer
● Reproducing and modifying information of the document is prohibited without permission from Panjit
International Inc..
● Panjit International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
● Panjit International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
● Panjit International Inc. does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
● Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Panjit International Inc. makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
● The products shown herein are not designed and authorized for equipments requiring high level of reliability or
relating to human life and for any applications concerning life-saving or life-sustaining, such as medical
instruments, transportation equipment, aerospace machinery et cetera. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Panjit International
Inc. for any damages resulting from such improper use or sale.
● Since Panjit uses lot number as the tracking base, please provide the lot number for tracking when
complaining.


Similar Part No. - PJE8439

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8438 PANJIT-PJE8438 Datasheet
334Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJE8439

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com