Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2954-02BZ Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2954-02BZ
Description  250mA Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2954-02BZ Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2954-02BZ Datasheet HTML 1Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 2Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 3Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 4Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 5Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 6Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 7Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 8Page - Micrel Semiconductor MIC2954-02BZ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 1999
1
MIC2954
MIC2954
Micrel
MIC2954
250mA Low-Dropout Regulator
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Features
• High-accuracy 5V, guaranteed 250mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Input can withstand –20V reverse battery and
+60V positive transients
• Error flag warns of low output voltage
• Logic-controlled electronic shutdown
• Output programmable from 1.24V to 29V
(MIC2954-07/08)
• Available in TO-220, TO-92, and surface-mount
SOT-223 and SOP-8 packages
Applications
• Battery powered equipment
• Cellular telephones
• Laptop, notebook, and palmtop computers
• PCMCIA V
CC and VPP regulation/switching
• Bar code scanners
• Automotive electronics
• SMPS post-regulator/dc-to-dc modules
• Voltage reference
• High-efficiency linear power supplies
General Description
The MIC2954 is a “bulletproof” efficient voltage regulator with
very low dropout voltage (typically 40mV at light loads and
375mV at 250mA), and low quiescent current (120
µA typi-
cal). The quiescent current of the MIC2954 increases only
slightly in dropout, thus prolonging battery life. Key MIC2954
features include protection against reversed battery, fold-
back current limiting, and automotive load dump protection
(60V positive transient).
The MIC2954-07/08BM is an adjustable version that includes
an error flag output that warns of a low output voltage, which
is often due to failing batteries on the input. This may also be
used as a power-on reset. A logic-compatible shutdown input
is provided which enables the regulator to be switched on and
off. This part may be pin-strapped for 5V output, or pro-
grammed from 1.24V to 29V with the use of two external
resistors.
The MIC2954 is available in two voltage tolerances,
±0.5%
maximum and
±1% maximum. Both are guaranteed for
junction temperatures from –40
°C to +125°C.
The MIC2954 has a very low output voltage temperature
coefficient and extremely good load and line regulation
(0.04% typical).
Typical Applications
MIC2954
IN
OUT
GND
2.2µF
VIN
VOUT
5V Fixed Regulator
SHUTDOWN
ENABLE
MIC2954-07/-08
IN
OUT
GND
3.3µF
VIN
+7V
VOUT
5V or 3.3V
SHDN
FB
300k
1%
100pF
180k
1%
ERR
Q1 ON = 3.3V
Q1 OFF = 5.0V
1
3
8
5
7
4
220k
1%
Q1
2N2222
5V
3.3V
470k
5V or 3V Selectable Regulator with Shutdown
SHUTDOWN
ENABLE
MIC2954
IN
OUT
GND
10µF
VIN
VOUT
1.2V to 30V
SHDN
FB
R1
100pF
R2
ERR
100k
VERR
2, 6 = OPEN
1
3
8
5
7
4
VREF
VV
1
R1
R2
OUT
REF
=+


Adjustable Regulator
SHUTDOWN
ENABLE
MIC2954-07/-08
IN
OUT
GND
VIN
VOUT ≈ VIN*
SHDN
FB
ERR
* MINIMUM INPUT-TO-OUTPUT
VOLTAGE RANGES FROM
40mV TO 400mV DEPENDING
UPON LOAD CURRENT
1
3
8
5
7
4
Wide Input-Voltage-Range Current Limiter


Similar Part No. - MIC2954-02BZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954-02BZ MICREL-MIC2954-02BZ Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
More results

Similar Description - MIC2954-02BZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com