Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29153BU Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC29153BU
Description  High-Current Low-Dropout Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29153BU Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC29153BU Datasheet HTML 3Page - Micrel Semiconductor MIC29153BU Datasheet HTML 4Page - Micrel Semiconductor MIC29153BU Datasheet HTML 5Page - Micrel Semiconductor MIC29153BU Datasheet HTML 6Page - Micrel Semiconductor MIC29153BU Datasheet HTML 7Page - Micrel Semiconductor MIC29153BU Datasheet HTML 8Page - Micrel Semiconductor MIC29153BU Datasheet HTML 9Page - Micrel Semiconductor MIC29153BU Datasheet HTML 10Page - Micrel Semiconductor MIC29153BU Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
March 2000
7
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
0
5
10
15
20
25
30
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29151-xx/2 Enable Current
vs. Temperaure
V
EN = 5V
V
EN = 2V
-200
0
200
400
-0.5
0.0
0.5
1.0
1.5
2.0
-5
0
5
10
15
20
25
TIME (ms)
MIC2915x
Load Transient
C
OUT = 10 µF
I
LOAD = 10mA
-200
-100
0
100
200
-0.5
0.0
0.5
1.0
1.5
2.0
-5
0
5
10
15
20
25
TIME (ms)
MIC2915x
Load Transient
C
OUT = 100 µF
I
LOAD = 10mA
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29152/3 Adjust Pin Current
vs. Temperature
I
LOAD = 10mA
-20
-10
0
10
20
30
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
MIC2915x
Line Transient
C
OUT = 10 µF
I
LOAD = 10mA
-5
0
5
10
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
MIC2915x
Line Transient
C
OUT = 100 µF
I
LOAD = 10mA
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
MIC2915x Output Impedance
vs. Frequency


Similar Part No. - MIC29153BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29153BU MICREL-MIC29153BU Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
MIC29153BU MICREL-MIC29153BU Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29153BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com