Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39100-5.0BS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC39100-5.0BS
Description  1A Low-Voltage Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39100-5.0BS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC39100-5.0BS Datasheet HTML 2Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 3Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 4Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 5Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 6Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 7Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 8Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 9Page - Micrel Semiconductor MIC39100-5.0BS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC39100/39101/39102
Micrel
MIC39100/39101/39102
6
June 2000
0
10
20
30
40
50
0246
8
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage (3.3V)
ILOAD =1A
0
0.2
0.4
0.6
0.8
1.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
3.3V
ILOAD =10mA
2.5V
1.8V
0
5
10
15
20
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
3.3V
2.5V
I
LOAD = 1A
1.8V
3.20
3.25
3.30
3.35
3.40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
Typical 3.3V
Device
0
0.5
1.0
1.5
2.0
2.5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit
vs. Temperature
3.3V
2.5V
1.8V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
3.3V
2.5V
I
LOAD = 500mA
1.8V
0
1
2
3
4
5
6
0.01 0.1
1
10
100 100010000
RESISTANCE (k
Ω)
Error Flag
Pull-Up Resistor
V
IN = 5V
FLAG HIGH
(OK)
FLAG LOW
(FAULT)
0
2
4
6
8
10
12
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Enable Current
vs. Temperature
V
IN = VOUT + 1V
V
EN = 2.4V
0
50
100
150
200
250
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Flag-Low Voltage
vs. Temperature
V
IN = 2.25V
R
PULL-UP = 22kΩ
FLAG-LOW
VOLTAGE


Similar Part No. - MIC39100-5.0BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100-5.0BS MICREL-MIC39100-5.0BS Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39100-5.0BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com