Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29202BT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC29202BT
Description  400mA Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29202BT Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC29202BT Datasheet HTML 1Page - Micrel Semiconductor MIC29202BT Datasheet HTML 2Page - Micrel Semiconductor MIC29202BT Datasheet HTML 3Page - Micrel Semiconductor MIC29202BT Datasheet HTML 4Page - Micrel Semiconductor MIC29202BT Datasheet HTML 5Page - Micrel Semiconductor MIC29202BT Datasheet HTML 6Page - Micrel Semiconductor MIC29202BT Datasheet HTML 7Page - Micrel Semiconductor MIC29202BT Datasheet HTML 8Page - Micrel Semiconductor MIC29202BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MIC2920A/29201/29202/29204
Micrel
January 1998
3-15
3
-200
0
200
400
600
-5
0
5
10
15
20
25
TIME (ms)
Load Transient
-200
-100
0
100
200
C
OUT = 10µF
1mA
-200
0
200
400
600
-5
0
5
10
15
20
25
TIME (ms)
Load Transient
-100
-50
0
50
100
C
OUT = 100µF
1mA
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29202 Adjust Pin
Current vs. Temperature
I
LOAD = 1mA
-40
-20
0
20
40
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT = 10 µF
I
L = 10mA
-20
-10
0
10
20
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT = 100 µF
I
L = 10mA
0.01
0.1
1
10
FREQUENCY (Hz)
Output Impedance
vs. Frequency
I
LOAD = 10mA
10
100
1
1k
10k 100k 1M
0
25
50
75
100
125
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29201/2 Shutdown Current
vs. Temperaure
V
EN = 5V
V
EN = 2V
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
Ripple Rejection
10
1M
1k
100
10k
100k
I
L = 100mA
1mA
C
L = 10µF


Similar Part No. - MIC29202BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29202BT MICREL-MIC29202BT Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
MIC29202BT MICREL-MIC29202BT Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29202BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com