Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE2955TL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE2955TL-TA3-T
Description  HIGH VOLTAGE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE2955TL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE2955TL-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE2955TL-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE2955TL-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE2955TL-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJE2955T
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R203-012.E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-70
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector current
IC
-10
A
Base Current
IB
-6
A
Power Dissipation (TA=25°C)
TO-220
PD
75
W
TO-252
20
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0°C ~70°C
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=-200mA
-60
V
Collector-Base Breakdown Voltage
BVCBO
IC=-10mA
-70
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10mA
-5
V
Collector Cut-Off Current
ICBO
VCB=-70V
-1
mA
ICEO
VCE=-30V
-700
A
ICEX
VCE=-70V, VEB(OFF)=-1.5V
-1
mA
Emitter Cut-Off Current
IEBO
VEB=-5V
-5
mA
Collector-Emitter Saturation Voltage
VCE(SAT)1
IC=-4A, IB=-0.4A
-1.1
V
VCE(SAT)2
IC=-10A, IB=-3.3A
-8.0
Baser-Emitter on Voltage
VBE(ON)
VCE=-4V, IC=-4A
-1.8
V
DC Current Gain
hFE1
IC=-4A, VCE=-4V
20
100
hFE2
IC=-10A, VCE=-4V
5
Current Gain Bandwidth Product
fT
VCE=-10V, IC=-0.5A, f=1MHz
2
MHZ


Similar Part No. - MJE2955TL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE2955TL-TA3-T UTC-MJE2955TL-TA3-T Datasheet
161Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MJE2955TL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com