Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5731BIBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI5731BIBZ
Description  12-Bit, 100MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5731BIBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HI5731BIBZ Datasheet HTML 1Page - Intersil Corporation HI5731BIBZ Datasheet HTML 2Page - Intersil Corporation HI5731BIBZ Datasheet HTML 3Page - Intersil Corporation HI5731BIBZ Datasheet HTML 4Page - Intersil Corporation HI5731BIBZ Datasheet HTML 5Page - Intersil Corporation HI5731BIBZ Datasheet HTML 6Page - Intersil Corporation HI5731BIBZ Datasheet HTML 7Page - Intersil Corporation HI5731BIBZ Datasheet HTML 8Page - Intersil Corporation HI5731BIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Typical Application Circuit
Functional Block Diagram
D9 (3)
D8 (4)
D7 (5)
D6 (6)
D5 (7)
D4 (8)
D3 (9)
D2 (10)
D9
D8
D7
D6
D5
D4
D3
D2
+5V
DVCC (16)
0.01
F
DGND (17, 28)
CLK (15)
-5.2V (AVEE)
0.1
F
(19) ARTN
(22) AVEE
D/A OUT
(21) IOUT
(20) IOUT
(23) RSET
976
64
(24) CTRL IN
HI5731
D10
D11
D11 (MSB) (1)
D10 (2)
DVEE (18)
- 5.2V (AVEE)
0.01
F
(25) CTRL OUT
(26) REF OUT
64
0.1
F
- 5.2V (DVEE)
0.01
F
0.1
F
(27) AGND
50
D1 (11)
D0 (LSB) (12)
D1
D0
UPPER
SLAVE
IOUT
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
D7
D8
4-BIT
DECODER
IOUT
+
-
CTRL
REF OUT
RSET
CTRL
25
12-BIT
MASTER
REGISTER
AVEE
AGND
DVEE
DGND DVCC
15
SWITCHED
CURRENT
CELLS
D10
(MSB) D11
REGISTER
DATA
BUFFER/
LEVEL
SHIFTER
OVERDRIVEABLE
VOLTAGE
REFERENCE
CLK
REF CELL
IN
OUT
8 LSBs
CURRENT
CELLS
R2R
NETWORK
227
227
15
15
ARTN
HI5731


Similar Part No. - HI5731BIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731BIBZ INTERSIL-HI5731BIBZ Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5731BIBZ RENESAS-HI5731BIBZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
More results

Similar Description - HI5731BIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731 INTERSIL-HI5731_04 Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5731 RENESAS-HI5731 Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5741 INTERSIL-HI5741_06 Datasheet
353Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5741 RENESAS-HI5741 Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Analog Devices
AD9712 AD-AD9712 Datasheet
2Mb / 8P
   12-BIT, 100MSPS D/A CONVERTERS
REV. A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com