Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5760IA Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI5760IA
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760IA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI5760IA Datasheet HTML 7Page - Intersil Corporation HI5760IA Datasheet HTML 8Page - Intersil Corporation HI5760IA Datasheet HTML 9Page - Intersil Corporation HI5760IA Datasheet HTML 10Page - Intersil Corporation HI5760IA Datasheet HTML 11Page - Intersil Corporation HI5760IA Datasheet HTML 12Page - Intersil Corporation HI5760IA Datasheet HTML 13Page - Intersil Corporation HI5760IA Datasheet HTML 14Page - Intersil Corporation HI5760IA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FIGURE 30. SFDR vs TEMPERATURE, CLOCK = 100MSPS
FIGURE 31. SINGLE TONE SFDR
FIGURE 32. TWO-TONE, CLOCK = 100MSPS
FIGURE 33. FOUR-TONE, CLOCK = 100MSPS
FIGURE 34. EIGHT-TONE, CLOCK = 100MSPS
FIGURE 35. FOUR-TONE, CLOCK = 50MSPS
Typical Performance Curves, 3V Power Supply (Continued)
40
45
50
55
60
65
70
75
80
-40
-20
0
20
40
60
80
TEMPERATURE (oC)
10.1MHz
40.4MHz
2.5MHz
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
5MHz/DIV.
50
FREQUENCY (MHz)
SFDR = 63dBc
fCLK = 100MSPS
fOUT = 9.95MHz
AMPLITUDE = 0dBFS
14dB EXTERNAL
ANALYZER ATTENUATION
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5MHz/DIV.
50
FREQUENCY (MHz)
SFDR = 61.5dBc
fCLK = 100MSPS
fOUT = 13.5/14.5MHz
COMBINED PEAK
14dB EXTERNAL
ANALYZER ATTENUATION
AMPLITUDE = 0dBFS
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.5
1.45MHz/DIV.
15
FREQUENCY (MHz)
SFDR = 70.6dBc
fCLK = 100MSPS
fOUT = 3.8,4.4,5.6,6.2MHz
COMBINED PEAK
AMPLITUDE = 0dBFS
(IN A WINDOW)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.5
1.95MHz/DIV.
20
FREQUENCY (MHz)
SFDR = 67.4dBc
fCLK = 100MSPS
fOUT = 2.6, 3.2, 3.8, 4.4,
COMBINED PEAK
AMPLITUDE = 0dBFS
(IN A WINDOW)
5.6, 6.2, 6.8MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
950kHz/DIV.
10
FREQUENCY (MHz)
SFDR = 74.2dBc
fCLK = 50MSPS
fOUT = 1.9, 2.2, 2.8, 3.1MHz
COMBINED PEAK
AMPLITUDE = 0dBFS
(IN A WINDOW)
HI5760


Similar Part No. - HI5760IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760IA INTERSIL-HI5760IA Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760IA INTERSIL-HI5760IA Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5760IA RENESAS-HI5760IA Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760IAZ INTERSIL-HI5760IAZ Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5760IAZ RENESAS-HI5760IAZ Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5760IA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com