Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5760EVAL1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5760EVAL1
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760EVAL1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5760EVAL1 Datasheet HTML 4Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 9Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 10Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 11Page - Intersil Corporation HI5760EVAL1 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FIGURE 13. TWO TONE, CLOCK = 100MSPS
FIGURE 14. FOUR-TONE, CLOCK = 100MSPS
FIGURE 15. EIGHT-TONE, CLOCK = 100MSPS
FIGURE 16. FOUR-TONE, CLOCK = 50MSPS
FIGURE 17. DIFFERENTIAL NONLINEARITY
FIGURE 18. INTEGRAL NONLINEARITY
Typical Performance Curves, 5V Power Supply (Continued)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5MHz/DIV.
50
Frequency (MHz)
MTPR = 62.9dBc
Fclk = 100MSPS
Fout = 13.5/14.5MHz
Combined Peak Amplitude = 0dBFS
14dB External Analyzer Attenuation
0
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
50
fCLK = 100MSPS
fOUT = 13.5/14.5MHz
COMBINED PEAK
SFDR = 62.9dBc
14dB EXTERNAL
AMPLITUDE = 0dBFS
ANALYZER ATTENUATION
5MHz/DIV.
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.5
1.45MHz / DIV.
15
SFDR = 71.4dBc
fCLK = 100MSPS
fOUT = 3.8,4.4,5.6,6.2MHz
COMBINED PEAK
AMPLITUDE = 0dBFS
(IN A WINDOW)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.5
1.95MHz/DIV.
20
FREQUENCY (MHz)
SFDR = 67dBc (IN A WINDOW)
fCLK = 100MSPS
fOUT = 2.6,3.2,3.8,4.4,5.6,6.2,6.8MHz
COMBINED PEAK
AMPLITUDE = 0dBFS
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.5
950kHz/DIV.
10
FREQUENCY (MHz)
SFDR = 73.6dBc
fCLK = 50MSPS
fOUT = 1.9,2.2,2.8,3.1MHz
COMBINED PEAK
AMPLITUDE = 0dBFS
(IN A WINDOW)
-0.4
-0.2
0
0.2
0.4
0
200
400
600
800
1000
CODE
-0.4
-0.2
0
0.2
0.4
0
200
400
600
800
1000
CODE
HI5760


Similar Part No. - HI5760EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760EVAL1 INTERSIL-HI5760EVAL1 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760EVAL1 INTERSIL-HI5760EVAL1 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5760EVAL1 INTERSIL-HI5760EVAL1 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5760EVAL1 INTERSIL-HI5760EVAL1 Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
HI5760EVAL1 RENESAS-HI5760EVAL1 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5760EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com