Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29302BU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29302BU
Description  High-Current Low-Dropout Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29302BU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29302BU Datasheet HTML 1Page - Micrel Semiconductor MIC29302BU Datasheet HTML 2Page - Micrel Semiconductor MIC29302BU Datasheet HTML 3Page - Micrel Semiconductor MIC29302BU Datasheet HTML 4Page - Micrel Semiconductor MIC29302BU Datasheet HTML 5Page - Micrel Semiconductor MIC29302BU Datasheet HTML 6Page - Micrel Semiconductor MIC29302BU Datasheet HTML 7Page - Micrel Semiconductor MIC29302BU Datasheet HTML 8Page - Micrel Semiconductor MIC29302BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2000
1
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750 Series
High-Current Low-Dropout Regulators
General Description
The MIC29150/29300/29500/29750 are high current, high
accuracy, low-dropout voltage regulators. Using Micrel's
proprietary Super ßeta PNP™ process with a PNP pass
element, these regulators feature 300mV to 370mV (full load)
dropout voltages and very low ground current. Designed for
high current loads, these devices also find applications in
lower current, extremely low dropout-critical systems, where
their tiny dropout voltage and ground current values are
important attributes.
The MIC29150/29300/29500/29750 are fully protected against
overcurrent faults, reversed input polarity, reversed lead
insertion, overtemperature operation, and positive and nega-
tive transient voltage spikes. Five pin fixed voltage versions
feature logic level ON/OFF control and an error flag which
signals whenever the output falls out of regulation. Flagged
states include low input voltage (dropout), output current
limit, overtemperature shutdown, and extremely high voltage
spikes on the input.
On the MIC29xx1 and MIC29xx2, the ENABLE pin may be
tied to V
IN if it is not required for ON/OFF control. The
MIC29150/29300/29500 are available in 3- and 5-pin TO-220
and surface mount TO-263 packages. The MIC29750 7.5A
regulators are available in 3- and 5-pin TO-247 packages.
Features
• High Current Capability
MIC29150/29151/29152/29153 ................................ 1.5A
MIC29300/29301/29302/29303 ................................... 3A
MIC29500/29501/29502/29503 ................................... 5A
MIC29750/29751/29752 ........................................... 7.5A
• Low-Dropout Voltage ....................... 350mV at Full Load
• Low Ground Current
• Accurate 1% Guaranteed Tolerance
• Extremely Fast Transient Response
• Reverse-battery and “Load Dump” Protection
• Zero-Current Shutdown Mode (5-Pin versions)
• Error Flag Signals Output Out-of-Regulation
(5-Pin versions)
• Also Characterized For Smaller Loads With Industry-
Leading Performance Specifications
• Fixed Voltage and Adjustable Versions
Applications
• Battery Powered Equipment
• High-Efficiency “Green” Computer Systems
• Automotive Electronics
• High-Efficiency Linear Power Supplies
• High-Efficiency Post-Regulator For Switching Supply
Pinout On all devices, the Tab is grounded.
MIC29150/29300/29500/29750 Three Terminal
Devices:
Pin 1 = Input, 2 = Ground, 3 = Output
MIC29151/29301/29501/29751 Five Terminal
Fixed Voltage Devices:
Pin 1 = Enable, 2 = Input, 3 = Ground, 4 = Output,
5 = Flag
MIC29152/29302/29502/29752 Adjustable with
ON/OFF Control
Pin 1 = Enable, 2 = Input, 3 = Ground, 4 = Output,
5 = Adjust
MIC29153/29303/29503 Adjustable with Flag
Pin 1 = Flag, 2 = Input, 3 = Ground, 4 = Output,
5 = Adjust
1 2 3
1 2 3 4 5
MIC29151/29152/29153BT
MIC29301/29302/29303BT
MIC29501/29502/29503BT
MIC29751/29752BWT
MIC29150/29300/
29500BT and
MIC29750BWT
Pin Configuration
1 2 3
MIC29150/29300BU
MIC29151/29152/29153BU
MIC29301/29302/29303BU
MIC29501/29502/29503BU
1 2 3 4 5
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC29302BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302BU MICREL-MIC29302BU Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302BU MICREL-MIC29302BU Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29302BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com