Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4807BN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4807BN
Description  80V 8-Channel Addressable Low-Side Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4807BN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4807BN Datasheet HTML 1Page - Micrel Semiconductor MIC4807BN Datasheet HTML 2Page - Micrel Semiconductor MIC4807BN Datasheet HTML 3Page - Micrel Semiconductor MIC4807BN Datasheet HTML 4Page - Micrel Semiconductor MIC4807BN Datasheet HTML 5Page - Micrel Semiconductor MIC4807BN Datasheet HTML 6Page - Micrel Semiconductor MIC4807BN Datasheet HTML 7Page - Micrel Semiconductor MIC4807BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC4807
Micrel
7-6
October 1998
Electrical Characteristics: (Note 6) T
A = 25°C, VDD = 15V unless otherwise specified (see Test Circuit).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Turn-Off Delay
(E)
5
µs
Output Disable
(F)
4
µs
Response Time
Output Enable
(G)
4
µs
Response Time
Clear Response Time
(H)
5
µs
Clear Pulse Width
(I)
1000
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not
apply when operating the device beyond its specified operating ratings.
Note 2: The junction temperature is internally limited by a thermal shutdown circuit. The maximum power dissipation is a function of
TJMAX, θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJMAX - TA) / θJA. If this dissipation
is exceeded, the die temperature will rise above 150
°C, and the MIC4807 will go into thermal shutdown.
Note 3: All outputs are off when OUTPUT ENABLE is pulled low.
Note 4: All outputs are turned on during this test.
Note 5: Pulse testing is used to avoid thermal shutown.
Note 6: Minimum and Maximum limits are tested and 100% guaranteed over the temperature range specified. Typicals are measured
at 25
°C and represent the most likely parametric norm.
Timing Diagram
C
CS
Data-in
AB
AIN
BIN
CIN
Logic "1"
Logic "0"
Clear
H
F
D
OFF
ON
HVOUT0
G
OE
H
HVOUT1
E
D
HVOUT2
HVOUT3
HVOUT4


Similar Part No. - MIC4807BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801YM MICREL-MIC4801YM Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802YME MICREL-MIC4802YME Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
More results

Similar Description - MIC4807BN

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
logo
Allegro MicroSystems
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com