Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5013BN Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5013BN
Description  Protected High- or Low-Side MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013BN Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5013BN Datasheet HTML 3Page - Micrel Semiconductor MIC5013BN Datasheet HTML 4Page - Micrel Semiconductor MIC5013BN Datasheet HTML 5Page - Micrel Semiconductor MIC5013BN Datasheet HTML 6Page - Micrel Semiconductor MIC5013BN Datasheet HTML 7Page - Micrel Semiconductor MIC5013BN Datasheet HTML 8Page - Micrel Semiconductor MIC5013BN Datasheet HTML 9Page - Micrel Semiconductor MIC5013BN Datasheet HTML 10Page - Micrel Semiconductor MIC5013BN Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
July 2000
7
MIC5013
MIC5013
Micrel
Applications Information (Continued)
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
IRF540
10µF
10k
10m
IRC 4LPW-5
Figure 2. Low-Side Driver with
Current Shunt
LOAD
Control Input
=7 to 15V
V
+
+
(International Resistive Company)
V
LOAD
I =20A (trip current)
L
V
TRIP
I
L
V
TRIP
= 200mV
For this example:
R
=
2200
–1000
V
TRIP
TH
R =
S
R
S
R
TH
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
=24V
IRF541
10µF
100
20k
24k
18m
IRC 4LPW-5*
R1
Figure 3. High-Side Driver
with Current Shunt
LOAD
Control Input
V
+
+
*International Resistive Company
R2
R1=
R2=100
R =
R
=
1mA
V
100mV+
2200
–1000
+
I
L
For this example:
I =10A (trip current)
L
V
=100mV
TRIP
V
TRIP
V
TRIP
S
R
S
TH
R
TH
Circuit Topologies
The MIC5013 is suited for use in high- or low-side driver
applications with over-current protection for both current-
sensing and standard MOSFETs. In addition, the MIC5013
works well in applications where, for faster switching times,
the supply is bootstrapped from the MOSFET source out-
put. Low voltage, high-side drivers (such as shown in the
Test Circuit) are the slowest; their speed is reflected in the
gate turn-on time specifications. The fastest drivers are the
low-side and bootstrapped high-side types. Load current
switching times are often much faster than the time to full
gate enhancement, depending on the circuit type, the
MOSFET, and the load. Turn-off times are essentially the
same for all circuits (less than 10
µs to V
GS = 1V). The choice
of one topology over another is based on a combination of
considerations including speed, voltage, and desired sys-
tem characteristics. Each topology is described in this
section. Note that I
L, as used in the design equations, is the
load current that just trips the over-current comparator.
Low-Side Driver with Current Shunt (Figure 2). The over-
current comparator monitors RS and trips if I
L × RS exceeds
V
TRIP. R is selected to produce the desired trip voltage.
As a guideline, keep V
TRIP within the limits of 100mV and
500mV (R
TH = 3.3kΩ to 20kΩ). Thresholds at the high end
offer the best noise immunity, but also compromise switch
drop (especially in low voltage applications) and power
dissipation.
The trip current is set higher than the maximum expected
load current—typically twice that value. Trip point accuracy
is a function of resistor tolerances, comparator offset (only
a few millivolts), and threshold bias voltage (V2). The values
shown in Figure 2 are designed for a trip current of 20
amperes. It is important to ground pin 4 at the current shunt
R
S, to eliminate the effects of ground resistance.
A key advantage of the low-side topology is that the load
supply is limited only by the MOSFET BVDSS rating.
Clamping may be required to protect the MOSFET drain
terminal from inductive switching transients. The MIC5013


Similar Part No. - MIC5013BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5013BN MICREL-MIC5013BN Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5013BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
   Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com